Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4052 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4052
Description  Dual 4-channel analog multiplexer, demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4052 Datasheet HTML 9Page - NXP Semiconductors 74HC4052 Datasheet HTML 10Page - NXP Semiconductors 74HC4052 Datasheet HTML 11Page - NXP Semiconductors 74HC4052 Datasheet HTML 12Page - NXP Semiconductors 74HC4052 Datasheet HTML 13Page - NXP Semiconductors 74HC4052 Datasheet HTML 14Page - NXP Semiconductors 74HC4052 Datasheet HTML 15Page - NXP Semiconductors 74HC4052 Datasheet HTML 16Page - NXP Semiconductors 74HC4052 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
2004 Nov 11
13
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
MNB046
V
nYn
nZ
Iis
Vis = 0 to VCC − VEE
HIGH
(from select input)
VEE
Fig.11 Test circuit for measuring RON.
handbook, halfpage
09
100
0
20
40
60
80
1.8
3.6
5.4
7.2
MNB047
RON
(
Ω)
Vis (V)
(1)
(2)
(3)
Fig.12 Typical RON as a function of input voltage Vis.
Vis =0V to VCC − VEE
(1) VCC = 4.5 V
(2) VCC =6V
(3) VCC =9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com