Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4052 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4052
Description  Dual 4-channel analog multiplexer, demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4052 Datasheet HTML 1Page - NXP Semiconductors 74HC4052 Datasheet HTML 2Page - NXP Semiconductors 74HC4052 Datasheet HTML 3Page - NXP Semiconductors 74HC4052 Datasheet HTML 4Page - NXP Semiconductors 74HC4052 Datasheet HTML 5Page - NXP Semiconductors 74HC4052 Datasheet HTML 6Page - NXP Semiconductors 74HC4052 Datasheet HTML 7Page - NXP Semiconductors 74HC4052 Datasheet HTML 8Page - NXP Semiconductors 74HC4052 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2004 Nov 11
3
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
QUICK REFERENCE DATA
VEE = GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ[(CL +CS) × VCC2 × fo] where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CS = maximum switch capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
Σ[(CL +CS) × VCC2 × fo] = sum of the outputs.
2. For 74HC4052 the condition is VI = GND to VCC
For 74HCT4052 the condition is VI = GND to VCC − 1.5 V.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
74HC4052 74HCT4052
tPZH/tPZL
turn-on time E or Sn to Vos
CL = 15 pF; RL =1kΩ;
VCC =5V
28
18
ns
tPHZ/tPLZ
turn-off time E or Sn to Vos
CL = 15 pF; RL =1kΩ;
VCC =5V
21
13
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per switch notes 1 and 2
57
57
pF
CS
maximum switch capacitance
independent (Y)
5
5
pF
common (Z)
12
12
pF
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74HC4052D
−40 °C to +125 °C
16
SO16
plastic
SOT109-3
74HCT4052D
−40 °C to +125 °C
16
SO16
plastic
SOT109-3
74HC4052DB
−40 °C to +125 °C
16
SSOP16
plastic
SOT338-1
74HCT4052DB
−40 °C to +125 °C
16
SSOP16
plastic
SOT338-1
74HC4052N
−40 °C to +125 °C
16
DIP16
plastic
SOT38-9
74HCT4052N
−40 °C to +125 °C
16
DIP16
plastic
SOT38-9
74HC4052PW
−40 °C to +125 °C
16
TSSOP16
plastic
SOT403-1
74HC4052BQ
−40 °C to +125 °C
16
DHVQFN16
plastic
SOT763-1
74HCT4052BQ
−40 °C to +125 °C
16
DHVQFN16
plastic
SOT763-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com