Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK541B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK541B
Description  HIGH POWER OP-AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK541B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK541B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 6Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 QUALIFIED
Servo Amplifer
Motor Driver
Audio Amplifier
Programmable Power Supply
TYPICAL APPLICATIONS
1 Current Sense
5 Inverting Input
2 No Connection
6 Negative Power Supply
3 Positive Power Supply
7 No Connection
4 Non-Inverting Input
8 Output Drive
1
PIN-OUT INFORMATION
Rev. C 3/01
ISO 9001 CERTIFIED BY DSCC
The above pin out table is for the MSK 541 (TO-3). Refer to the
mechanical specifications page for the pin out information of addi-
tional package styles.
FEATURES:
Available as SMD #5962-8870101
High Output Current - 10 Amps Peak
Wide Power Supply Range - ±10V to ±40V
Programmable Current Limit
FET Input
Isolated Case
Replacement for OMA 541SKB - MSK 541
OMA 541SDB - MSK 146
OMA 541SZB - MSK 147
DESCRIPTION:
The MSK 541 Series is a high power monolithic amplifier ideally suited for high power amplification and magnetic
deflection applications. This amplifier is capable of operation at a supply voltage rating of 80 volts and can deliver
guaranteed continuous output currents up to 5A, making the 541 series an excellent low cost choice for motor drive
circuits. The amplifier and load can be protected from fault conditions through the use of internal current limit
circuitry that can be user programmed with a single external resistor. The MSK 541 is pin compatible with popular
op-amps such as the Burr-Brown OPA501, OPA511, OPA512, OPA541 and 3573. The MSK 541 is available in a
hermetically sealed 8 pin TO-3 package. Other package styles are also available for a wide range of applications.
The MSK 145 is available in a 6 pin SIP Package. The MSK 146 is an 8 pin Power DIP Package and the MSK 147
is available in an 8 pin Power Z-TAB Package for applications requiring bolt down heat sinking.
EQUIVALENT SCHEMATIC
MSK147
MSK145
MSK541
MSK146
HIGH POWER
OP-AMP
MSK 541 ONLY
M.S KENNEDY CORP.
541
SERIES
HIGH POWER
OP-AMP


Similar Part No. - MSK541B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK541B ANAREN-MSK541B Datasheet
246Kb / 8P
HIGH POWER OP-AMP
More results

Similar Description - MSK541B

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541 Datasheet
327Kb / 6P
DUAL HIGH POWER OP-AMP
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
MSK-0021FP MSK-MSK-0021FP Datasheet
330Kb / 8P
HIGH POWER OP-AMP
MSK-0041 MSK-MSK-0041 Datasheet
268Kb / 7P
HIGH POWER OP-AMP
logo
Anaren Microwave
MSK0021 ANAREN-MSK0021 Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0021FP ANAREN-MSK0021FP Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0041FP ANAREN-MSK0041FP Datasheet
169Kb / 7P
HIGH POWER OP-AMP
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
MSK145 ANAREN-MSK145 Datasheet
246Kb / 8P
HIGH POWER OP-AMP
MSK2541 ANAREN-MSK2541 Datasheet
453Kb / 7P
DUAL HIGH POWER OP-AMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com