Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK541B Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK541B
Description  HIGH POWER OP-AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK541B Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK541B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 6Page - M.S. Kennedy Corporation MSK541B Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Group A
Subgroup
-
1,2,3
1
2,3
1
2,3
1
2,3
-
-
-
-
-
4
5,6
4
5,6
-
4
4
4
5,6
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Capacitance
Input Impedance
Common Mode Rejection Ratio
Power Supply Rejection Ratio
Input Noise Voltage
OUTPUT
Settling Time
Power Bandwidth
TRANSFER CHARACTERISTICS
Slew Rate
Max.
±40
±35
±10
-
±100
-
30
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
±35
±20
±1.0
±15
±4
±0.2
2.0
-
5
1012
113
90
10
±29
-
±8
-
2
50
10
100
-
Min.
±10
-
-
-
-
-
-
-
-
-
90
-
-
±28
-
±5
-
-
40
6
90
-
Max.
±40
±30
±1.0
±50
±50
±10
30
20
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
±35
±20
±0.1
±15
±4
±0.2
2.0
-
5
1012
113
90
10
±29
±31
±8
-
2
55
10
100
-
Min.
±10
-
-
-
-
-
-
-
-
-
95
-
-
±28
±30
±5
±3.0
-
45
6
95
85
VIN = 0V
VIN = 0V
VIN = 0V
VCM = 0V
Either Input
F = DC
F = DC VCM = ±22V
VCC = ±10V to ±40V
F = 10 Hz to 1 KHz
RL = 5.6Ω F = 10 KHz
RL =10Ω
F = 10 KHz
RL = 5.6Ω F =10 KHz
RL = 10Ω F = 10 KHz
0.1% 2V step
RL = 10Ω VO = 20 VRMS
VOUT = ±10V RL = 10Ω
±VCC Supply Voltage
±40V
IOUT
Peak Output Current
See S.O.A.
VIN
Differential Input Voltage
±VCC
VIN
Common Mode Input Voltage
±VCC
RTH
Thermal Resistance-Junction to Case
MSK 541
1.9° C/W
MSK 145
1.2° C/W
MSK 146
1.2° C/W
MSK 147
1.2° C/W
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
TST
Storage Temperature Range
-65° to +150°C
TLD
Lead Temperature Range
300°
(10 Seconds)
PD
Power Dissipation
125W
TJ
Junction Temperature
150°C
TC
Case Operating Temperature Range
Military Versions
-55°C to +125°C
Industrial Versions
-40°C to +85°C
Units
V
mA
mV
µV/°C
pA
nA
pA
nA
pF
W
dB
dB
µVRMS
V
V
A
A
µS
KHz
V/µS
dB
dB
NOTES:
1
Unless otherwise specified RCL = 0Ω, ±VCC = ±34 VDC
2
Electrical specifications are derated for power supply voltages other than ±34 VDC.
3
AV = -1, measured in false summing junction circuit.
4
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
5
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
6
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
7
Subgroup 5 and 6 testing available upon request.
8
Subgroup 1, 4
TA = TC = +25°C
Subgroup 2, 5
TA = TC = +125°C
Subgroup 3, 6
TA = TC =
-55°C
Rereference DSCC SMD 5962-8870101 for electrical specifications for devices purchased as such.
3
4
2
Rev. C 3/01
Military
Industrial
2
4
VCM=0V
Input Offset Current
Input Bias Current
Output Voltage Swing
Output Current
Open Loop Voltage Gain
F = 10 HZ RL = 10 KΩ
Parameter
Test Conditions
5
9
4
4
4
4
9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com