Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7725 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7725
Description  16-Bit 900 kSPS ADC with a Programmable Postprocessor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7725 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7725 Datasheet HTML 9Page - Analog Devices AD7725 Datasheet HTML 10Page - Analog Devices AD7725 Datasheet HTML 11Page - Analog Devices AD7725 Datasheet HTML 12Page - Analog Devices AD7725 Datasheet HTML 13Page - Analog Devices AD7725 Datasheet HTML 14Page - Analog Devices AD7725 Datasheet HTML 15Page - Analog Devices AD7725 Datasheet HTML 16Page - Analog Devices AD7725 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. A
AD7725
–13–
TERMINOLOGY
Integral Nonlinearity (INL)
This is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The
endpoints of the transfer function are zero scale (not to be
confused with bipolar zero), a point 0.5 LSB below the first
code transition (100 . . . 00 to 100 . . . 01 in bipolar mode,
000 . . . 00 to 000 . . . 01 in unipolar mode) and full scale, a
point 0.5 LSB above the last code transition (011 ...10 to
011 . . . 11 in bipolar mode, 111 . . . 10 to 111 ...11 in
unipolar mode). The error is expressed in LSBs.
Differential Nonlinearity (DNL)
This is the difference between the measured and the ideal
1LSB change between two adjacent codes in the ADC.
Unipolar Offset Error
Unipolar offset error is the deviation of the first code transition
from the ideal V
IN(+) voltage, which is (VIN(–) + 0.5 LSB) when
operating in the unipolar mode.
Bipolar Offset Error
This is the deviation of the midscale transition code
(111 . . . 11 to 000 . . . 00) from the ideal V
IN(+) voltage,
which is (V
IN(–) – 0.5 LSB) when operating in the bipolar mode.
Gain Error
The first code transition should occur at an analog value
0.5 LSB above negative full scale. The last code transition
should occur for an analog value 1.5 LSB below the nominal
full scale. Gain error is the deviation of the actual difference
between first and last code transitions and the ideal difference
between first and last code transitions.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal-to-noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all of the nonfundamental signals up to
half the output data rate (f
O/2), excluding dc. The ADC is
evaluated by applying a low noise, low distortion sine wave
signal to the input pins. By generating a Fast Fourier Trans-
form (FFT) plot, the SNR data can then be obtained from the
output spectrum.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the harmonics to the rms
value of the fundamental. THD is defined as
THD
=
+
+++
20 log
VV
VVV
V
2
2
3
2
4
2
5
2
6
2
1
where V
1 is the rms amplitude of the fundamental and V2, V3,
V
4, V5, and V6 are the rms amplitudes of the second through
sixth harmonics.
Spurious Free Dynamic Range (SFDR)
Defined as the difference, in dB, between the peak spurious or
harmonic component in the ADC output spectrum (up to
f
O/2 and excluding dc) and the rms value of the fundamental.
Normally, the value of this specification will be determined by
the largest harmonic in the output spectrum of the FFT. For
input signals whose second harmonics occur in the stop band
region of the digital filter, the spur in the noise floor limits
the SFDR.
Settling Time and Group Delay
The settling time of a digital filter is dependent on the amount
of decimation employed and the number of filter taps used in
the filter design and is calculated as follows:
settling time
data input rate
number of taps
=
 ×
1
The settling time for each filter stage should be calculated
separately and then added to get the total filter settling time.
Group delay is half the settling time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com