Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 830
Description  1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

830 Datasheet(HTML) 3 Page - Vishay Siliconix

  830 Datasheet HTML 1Page - Vishay Siliconix 830 Datasheet HTML 2Page - Vishay Siliconix 830 Datasheet HTML 3Page - Vishay Siliconix 830 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 830
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
3
Document Number: 57073
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of
quality or durability.
POWER RATING CHART
MATERIAL SPECIFICATIONS
Bushing
Aluminum, nickel plated
Housing and front lid
Molded glass filled thermoset
plastic
Rear lid
Molded glass filled nylon
Shaft
Stainless steel, non magnetic,
non-passivated
Terminals
Brass, plated for solderability
Mounting hardware
Lockwasher:
Panel nut:
Internal tooth steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
10 g thru 500 CPS
Shock
50 g
Rotational life
500 000 shaft revolution
Load life
900 h
Temperature range
-55 °C to +125 °C
Salt spray
48 h
MARKING
Unit identification
Units will be marked with Spectrol name and model no, resistance and resistance tolerance, linearity, terminal
identification, and date code.
Example of a marking for a standard part: 830-11103
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE IN °C
0
2
4
6
8
10
12
RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
(
)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 70 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
20
0.094
0.019
387
8
800
50
0.074
0.037
245
12
800
100
0.071
0.071
173
17
180
200
0.072
0.145
122
25
20
500
0.064
0.320
77
39
20
1K
0.050
0.500
55
55
20
2K
0.047
0.948
39
77
20
5K
0.035
1.73
24
125
20
10K
0.029
2.92
17
176
20
20K
0.024
4.80
12
250
20
50K
0.017
8.31
8
375
20
100K
0.015
14.5
5
600
20
150K
0.013
20.0
4
750
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com