Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 830
Description  1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

830 Datasheet(HTML) 1 Page - Vishay Siliconix

  830 Datasheet HTML 1Page - Vishay Siliconix 830 Datasheet HTML 2Page - Vishay Siliconix 830 Datasheet HTML 3Page - Vishay Siliconix 830 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 830
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
1
Document Number: 57073
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 13/16" (46 mm) Three Turn Wirewound Potentiometer
Bushing Mount
FEATURES
• Gangable up to 2 sections
• Large range of ohmic values: 15
 to 50 k
• Extra taps available upon request
• Ideally suits for all industry applications
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, multi turn wirewound
Output type
Output by turrets
Market appliance
Industrial
Dimensions
1 13/16" (46 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
MODEL 830
Total resistance
Standard range
Tolerance:
200
 and above
Below 200
15
 to 50 k
STANDARD
± 3 %
± 5 %
SPECIAL
to 150 k
SPECIAL
± 1 %
± 3 %
Linearity (independent)
± 0.25 % standard
15
 to 1 k
1 k
 to 5 k
5 k
 to 25 k
25 k
 and above
± 0.15 %
± 0.10 %
± 0.075 %
± 0.05 %
Noise
100
 ENR
Electrical rotation
1080° +4° -0°
Power rating
3.0 W at 40 °C derated to zero at 125 °C
Insulation resistance
1000 M
 minimum 500 V
DC
Dielectric strength
1000 VRMS, 60 Hz
Absolute minimum resistance
Not to exceed linearity x total resistance or 1
, whichever is greater
End voltage
0.5 % of total applied voltage maximum
Phasing
CCW end points sect. 2 phased to sect 1 within 1°
Taps (extra)
Available as special standard tolerance ± 1°
ORDERING INFORMATION/DESCRIPTION
Model 830 can be ordered from this datasheet with a variety of alternate characteristics, as shown. For most rapid service on your order,
please state:
830
B
1
20K
BO10
MODEL
BUSHING MOUNT
NUMBER OF SECTIONS
RESISTANCE OF EACH SECTION
PACKAGING
From 1 up to 2 sections
(maximum)
Beginning with the section nearest
the mounting end
Box of 10 pieces
SAP PART NUMBERING GUIDELINES
830
B
1
203
B10
MODEL
STYLE
NUMBER OF SECTION
OHMIC VALUE OF SECTION No 1PACKAGING


Similar Part No. - 830

ManufacturerPart #DatasheetDescription
logo
Littelfuse
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
List of Unclassifed Man...
830 ETC2-830 Datasheet
299Kb / 1P
ZERO ADJUSTMENT KNOB
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
320Kb / 4P
(46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
More results

Similar Description - 830

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
18-Jun-07
MODEL802 VISHAY-MODEL802 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
23-Mar-07
MODEL830 VISHAY-MODEL830 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Bushing Mount
23-Mar-07
MODEL852 VISHAY-MODEL852 Datasheet
397Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
22-Mar-07
MODEL860 VISHAY-MODEL860 Datasheet
213Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound, Bushing Mount
05-Jul-07
860 VISHAY-860 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
162 VISHAY-162 Datasheet
90Kb / 4P
1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
22-Nov-16
830 VISHAY-830_V01 Datasheet
320Kb / 4P
(46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
852 VISHAY-852 Datasheet
102Kb / 4P
(46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
14-Oct-2022
860 VISHAY-860_V01 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com