Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 830
Description  1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

830 Datasheet(HTML) 2 Page - Vishay Siliconix

  830 Datasheet HTML 1Page - Vishay Siliconix 830 Datasheet HTML 2Page - Vishay Siliconix 830 Datasheet HTML 3Page - Vishay Siliconix 830 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
111
Model 830, 860
Vishay Spectrol
Document Number: 57073
Revision 16-Jul-03
For technical questions, contact sfer@vishay.com
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
830
860
Rotation
1080
° + 4° - 0°
3600
° + 4° - 0°
Bearing Type
Sleeve Bearing
Torque (maximums): Starting
STARTING
RUNNING
Section 1
1.75 oz - in(126,02gm - cm)
1.26 oz - in (90.01gm - cm)
Section 2
2.55 oz - in(183,62gm - cm)
1.85 oz - in (133,21gm - cm)
Runouts (Maximums)
Shaft(TIR)
0.002 in (0.05cm)
Pilot Dia (TIR)
0.002 in (0.05cm)
Lateral (TIR)
0.005 in (0.13cm)
Shaft End Play
0.002 in min 0.010 in Maximum (0.05 - 0.25cm)
Shaft Radial Play
0.003 in Maximum (0.08cm)
Weight (maximums)
Single Section
3.0 oz (85.05gm)
4.5 oz (127.58gm)
Additional Section
2.5 oz (70.80gm)
4.0 oz (113.40gm)
Stop Strength
750 oz - in (static) (54.01Kgm - cm)
Ganging
2 sections maximum ears of clamp band between
sections positioned 45
°, ± 10° CCW from
terminal center line
Moment Inertia
5.5gm - cm
2 Maximum
15.0gm - cm
2 Maximum
1 - 13/16” (46mm) Three and Ten Turn Wirewound
Precision Potentiometer
2.000
(50.80)
± 0.015
0.250 MIN
(6.35)
0.062
(1.57)
0.010
(0.25)
0.312
(7.92)
± 0.015
0.030 MAX
(0.76)
3/8 - 32 UNEF - 2A
1.812
(46.02)
± 0.015
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
Ø 0.4062 MTG.
(10.32)
+ 0.0000
- 0.0020
0.062
(1.57)
21
3
0.218
(5.54)
± 0.015
0.562
(14.27)
Ø 0.125
(3.18)
MTG. FACE
0.812
(20.62)
± 0.031
0.312
(7.92)
0.030
MAX
(0.76)
± 0.015
1.812
(46.02)
± 0.015
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
Ø 0.4062 MTG.
(10.32)
+ 0.0000
- 0.0020
0.062
(1.57)
0.010
(0.25)
0.062
(1.57)
0.250
MIN
(6.35)
1.218
(30.94)
± 0.015
MODEL 830
MODEL 860
1
2
1
2
ADD 1.010 (25.65) FOR 2 GANG UNIT
ADD 1.787 (45.39) FOR 2 GANG UNIT
± 0.010
± 0.010
TOLERANCES: OTHERWISE NOTED
DECIMALS
± 0.005 ANGLES ± 2°
SCHEMATIC
2
3
1
CW
3/8 - 32 UNEF - 2A
1
2
3
MTG. FACE
0.812
(20.62)
± 0.031



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com