Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 830
Description  1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

830 Datasheet(HTML) 3 Page - Vishay Siliconix

  830 Datasheet HTML 1Page - Vishay Siliconix 830 Datasheet HTML 2Page - Vishay Siliconix 830 Datasheet HTML 3Page - Vishay Siliconix 830 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 57073
Revision 16-Jul-03
www.vishay.com
112
Model 830, 860
Vishay Spectrol
For technical questions, contact sfer@vishay.com
POWER RATING CHART
ENVIRONMENTAL SPECIFICATIONS
Vibration
10g thru 500 CPS
Shock
50g
Rotational Life
500,000 shaft revolution
Load Life
900 Hours
Temperature Range
- 55
°C to + 125°C
Moisture Resistant
–
Salt Spray
48 hours
Unit
Units will be marked with Spectrol name and
Identification
model no, resistance and resistance
tolerance, linearity, terminal identification,
and date code
MARKING
1 - 13/16” (46mm) Three and Ten Turn Wirewound
Precision Potentiometer
MATERIAL SPECIFICATIONS
Bushing
Aluminum, nickel plated
Housing and Front Lid
Molded glass filled thermoset
plastic
Rear Lid
Molded glass filled nylon
Shaft
Stainless steel, non magnetic,
non-passivated
Terminals
Brass, plated for solderability
Mounting Hardware
Lock washer:
Internal tooth Steel, nickel plated
Panel nut:
Brass, nickel plated
MAXIMUM
MAXIMUM
STANDARD
CURRENT
VOLTAGE
WIRE
RESISTANCE RESO-
OHMS
AT 70
°C
ACROSS
TEMP.
VALUES
LUTION
PER
AMBIENT
COIL
COEF.
(
Ω)
(%)
TURN
(mA)
(V)
(ppm/
°C)
MODEL 860
20
0.044
0.009
632
13
800
50
0.027
0.014
400
20
800
100
0.024
0.024
283
28
800
200
0.028
0.056
200
40
180
500
0.023
0.115
126
63
20
1K
0.018
0.182
89
89
20
2K
0.020
0.402
63
126
110
5K
0.015
0.754
40
200
20
10K
0.013
1.23
28
283
20
20K
0.010
1.97
20
400
20
50K
0.007
3.69
13
632
20
100K
0.007
6.51
8.9
894
20
200K
0.005
9.63
5.0
1,000
20
500K
0.004
20.0
2.0
1,000
20
MODEL 830
20
0.094
0.019
387
8
800
50
0.074
0.037
245
12
800
100
0.071
0.071
173
17
180
200
0.072
0.145
122
25
20
500
0.064
0.320
77
39
110
1K
0.050
0.500
55
55
110
2K
0.047
0.948
39
77
20
5K
0.035
1.73
24
125
20
10K
0.029
2.92
17
176
20
20K
0.024
4.80
12
250
20
50K
0.017
8.31
8
375
20
100K
0.015
14.5
5
600
20
150K
0.013
20.0
4
750
20
RESISTANCE ELEMENT DATA
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE IN (
°C)
0
2
4
6
8
10
12
860
830



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com