Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4007 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4007
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007 Datasheet(HTML) 1 Page - Analog Devices

  ADF4007 Datasheet HTML 1Page - Analog Devices ADF4007 Datasheet HTML 2Page - Analog Devices ADF4007 Datasheet HTML 3Page - Analog Devices ADF4007 Datasheet HTML 4Page - Analog Devices ADF4007 Datasheet HTML 5Page - Analog Devices ADF4007 Datasheet HTML 6Page - Analog Devices ADF4007 Datasheet HTML 7Page - Analog Devices ADF4007 Datasheet HTML 8Page - Analog Devices ADF4007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Frequency Divider/PLL Synthesizer
ADF4007
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
7.5 GHz bandwidth
Maximum PFD frequency of 120 MHz
Divide ratios of 8, 16, 32, or 64
2.7 V to 3.3 V power supply
Separate charge pump supply (VP) allows
extended tuning voltage in 3 V systems
RSET contol of charge pump current
Hardware power-down mode
APPLICATIONS
Satellite communications
Broadband wireless access
CATV
Instrumentation
Wireless LANs
GENERAL DESCRIPTION
The ADF4007 is a high frequency divider/PLL synthesizer that
can be used in a variety of communications applications. It can
operate to 7.5 GHz on the RF side and to 120 MHz at the PFD.
It consists of a low noise digital PFD (phase frequency
detector), a precision charge pump, and a divider/prescaler. The
divider/ prescaler value can be set by two external control pins
to one of four values (8, 16, 32, or 64). The reference divider is
permanently set to 2, allowing an external REFIN frequency of
up to 240 MHz.
A complete PLL (phase-locked loop) can be implemented if the
synthesizer is used with an external loop filter and a VCO
(voltage controlled oscillator). Its very high bandwidth means
that frequency doublers can be eliminated in many high
frequency systems, simplifying system architecture and
reducing cost.
FUNCTIONAL BLOCK DIAGRAM
REFIN
RFINA
RFINB
VDD
N2
N1
GND
R COUNTER
÷ 2
MUX
MUXOUT
CPGND
RSET
VP
CP
PHASE
FREQUENCY
DETECTOR
REFERENCE
CHARGE
PUMP
ADF4007
N COUNTER
÷ 8, ÷ 16,
÷ 32, ÷ 64
M2
M1
Figure 1.


Similar Part No. - ADF4007

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4007 AD-ADF4007 Datasheet
274Kb / 16P
High Frequency Divider/PLL Synthesizer
REV. B
ADF4007 AD-ADF4007_15 Datasheet
274Kb / 16P
High Frequency Divider/PLL Synthesizer
REV. B
More results

Similar Description - ADF4007

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
List of Unclassifed Man...
CX7925B ETC1-CX7925B Datasheet
87Kb / 1P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER AND PROGRAMMABLE DIVIDER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
PLL Frequency Synthesizer
REV. A
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4007 AD-ADF4007_15 Datasheet
274Kb / 16P
High Frequency Divider/PLL Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com