Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4007 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4007
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007 Datasheet(HTML) 3 Page - Analog Devices

  ADF4007 Datasheet HTML 1Page - Analog Devices ADF4007 Datasheet HTML 2Page - Analog Devices ADF4007 Datasheet HTML 3Page - Analog Devices ADF4007 Datasheet HTML 4Page - Analog Devices ADF4007 Datasheet HTML 5Page - Analog Devices ADF4007 Datasheet HTML 6Page - Analog Devices ADF4007 Datasheet HTML 7Page - Analog Devices ADF4007 Datasheet HTML 8Page - Analog Devices ADF4007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADF4007
Rev. 0 | Page 3 of 16
SPECIFICATIONS
AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω,
TA = TMAX to TMIN, unless otherwise noted.
Table 1.
Parameter
B Version1
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency (RFIN)
1.0/7.0
GHz min/max
RF input level: +5 dBm to −10 dBm
RF Input Frequency
0.5/7.5
GHz min/max
RF input level: +5 dBm to −5 dBm
For lower frequencies, ensure that slew rate (SR) > 560 V/µs
REFIN CHARACTERISTICS
REFIN Input Sensitivity
0.8/VDD
V p-p min/max
Biased at AVDD/22
REFIN Input Frequency
20/240
MHz min/max
For f < 20 MHz, use square wave (slew rate > 50 V/µs)
REFIN Input Capacitance
10
pF max
REFIN Input Current
±100
µA max
PHASE DETECTOR
Phase Detector Frequency3
120
MHz max
MUXOUT
MUXOUT Frequency3
200
MHz max
CL = 15 pF
CHARGE PUMP
ICP Sink/Source
5.0
mA typ
With RSET = 5.1 kΩ
Absolute Accuracy
2.5
% typ
With RSET = 5.1 kΩ
RSET Range
3.0/11
kΩ typ
ICP Three-State Leakage
10
nA max
TA = 85°C
Sink and Source Current Matching
2
% typ
0.5 V
≤ VCP ≤ VP − 0.5 V
ICP vs. VCP
1.5
% typ
0.5 V
≤ VCP ≤ VP − 0.5 V
ICP vs. Temperature
2
% typ
VCP = VP/2
LOGIC INPUTS
VIH, Input High Voltage
1.4
V min
VIL, Input Low Voltage
0.6
V max
IINH, IINL, Input Current
±1
µA max
TA = 25°C
CIN, Input Capacitance
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
VDD − 0.4
V min
IOH = 100 µA
VOL, Output Low Voltage
0.4
V max
IOL = 500 µA
POWER SUPPLIES
AVDD
2.7/3.3
V min/max
DVDD
AVDD
VP
AVDD/5.5
V min/max
AVDD
≤ VP ≤ 5.5 V
IDD4 (AIDD
DD
+ DI )
17
mA max
15 mA typ
IP
2.0
mA max
TA = 25°C
NOISE CHARACTERISTICS
Normalized Phase Noise Floor5
−219
dBc/Hz typ
1 Operating temperature range (B version) is −40°C to +85°C.
2 AC coupling ensures AVDD/2 bias. See
for typical circuit.
Figure 13
3 Guaranteed by design. Characterized to ensure compliance.
4 TA = 25°C; AVDD = DVDD = 3 V; N = 64; RFIN = 7.5 GHz.
5 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO, PNTOT, and subtracting 20logN (where N is the N divider
value) and 10logFPFD. PNSYNTH = PNTOT − 10logFPFD − 20logN. The in-band phase noise (PNTOT) is measured using the HP8562E Spectrum Analyzer from Agilent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com