Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV256M Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29LV256M
Description  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256M Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29LV256M Datasheet HTML 35Page - Advanced Micro Devices AM29LV256M Datasheet HTML 36Page - Advanced Micro Devices AM29LV256M Datasheet HTML 37Page - Advanced Micro Devices AM29LV256M Datasheet HTML 38Page - Advanced Micro Devices AM29LV256M Datasheet HTML 39Page - Advanced Micro Devices AM29LV256M Datasheet HTML 40Page - Advanced Micro Devices AM29LV256M Datasheet HTML 41Page - Advanced Micro Devices AM29LV256M Datasheet HTML 42Page - Advanced Micro Devices AM29LV256M Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
September 15, 2003
Am29LV256M
37
D A T A SH EET
Figure 5.
Program Operation
Program Suspend/Program Resume
Command Sequence
The Program Suspend command allows the system to
interrupt a programming operation or a Write to Buffer
programming operation so that data can be read from
any non-suspended sector. When the Program Sus-
pend command is written during a programming pro-
cess, the device halts the program operation within 15
µs maximum (5µs typical) and updates the status bits.
Addresses are not required when writing the Program
Suspend command.
After the programming operation has been sus-
pended, the system can read array data from any
non-suspended sector. The Program Suspend com-
mand may also be issued during a programming oper-
ation while an erase is suspended. In this case, data
may be read from any addresses not in Erase Sus-
pend or Program Suspend. If a read is needed from
the SecSi Sector area (One-time Program area), then
user must use the proper command sequences to
enter and exit this region.
The system may also write the autoselect command
sequence when the device is in the Program Suspend
mode. The system can read as many autoselect
codes as required. When the device exits the autose-
lect mode, the device reverts to the Program Suspend
mode, and is ready for another valid operation. See
Autoselect Command Sequence for more information.
After the Program Resume command is written, the
device reverts to programming. The system can deter-
mine the status of the program operation using the
DQ7 or DQ6 status bits, just as in the standard pro-
gram operation. See Write Operation Status for more
information.
The system must write the Program Resume com-
mand to exit the Program Suspend mode and con-
tinue the programming operation. Further writes of the
Resume command are ignored. Another Program
Suspend command can be written after the device has
resume programming.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress
Note: See Tables 11 and 12 for program command
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com