Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW435 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW435
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW435 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW435 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12.5A
10.5A
7.0A
3.5A
1.4A
0.7A
0.35A 0.175A
3.40
4.60
3.80
4.00
4.20
4.40
3.60
3.20
3.00
(h)
(min)
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
2.60
2.80
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
Capacity
25℃(77℉)
Internal Resistance
Charge
(constant
Voltage)
3.50 AH
3.20AH
3.00 AH
2.10 AH
1.5 hour discharge to 5.25 V
Full charged Battery at 25 (77 )
℃
℉
1.4 A
20 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T0
Initial Charging Current less than 1.4A
Voltage 4.7-4.8 V
Voltage 4.5-4.6 V
4 V
3.5 Ah
65 mm(2.56inches)
59 mm(2.32inches)
90mm(3.54inches)
34 mm(1.38inches)
0.43 Kg (0.90 lbs)
20 hour rate(0.175A)
10 hour rate(0.32A)
5 hour rate(0.60A)
1 hour rate(2.10A)
SW435(4V3.5AH)
Self-Discharge
at 25
(77
)
℃
℉
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25℃(77℉)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
10h
20h
A
12.60
7.90
6.13
4.03
2.10
1.23
0.90
0.72
0.61
0.41
0.33
0.18
W
44.52
28.03
21.85
14.49
7.63
4.45
3.30
2.65
2.25
1.50
1.22
0.68
A
11.55
7.73
5.63
3.82
1.97
1.18
0.88
0.70
0.60
0.40
3.25
0.18
W
42.54
28.60
20.92
14.33
7.39
4.43
3.30
2.65
2.28
1.51
12.30
0.67
A
10.71
7.39
5.25
3.70
1.91
1.15
0.86
0.67
0.60
0.39
0.32
0.18
W
39.99
27.69
19.78
14.08
7.25
4.40
3.28
2.55
2.30
1.51
1.23
0.67
A
9.75
7.06
4.90
3.54
1.84
1.12
0.85
0.65
0.57
0.38
0.31
0.17
W
36.90
26.82
18.70
13.61
7.10
4.32
3.27
2.54
2.21
1.49
1.22
0.66
A
8.44
6.65
4.55
3.29
1.78
1.09
0.80
0.64
0.54
0.37
0.31
0.17
W
32.33
25.60
17.59
12.83
6.94
4.27
3.14
2.52
2.14
1.47
1.20
0.65
3.70V
3.60V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(77℉)
Time
3.20V
3.40V
3.50V
3.2
6.35
35
90


Similar Part No. - SW435

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW43 ALPHAWIRE-SW43 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
TT Electronics.
SW4304C TTELEC-SW4304C Datasheet
275Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 5 VDC 5 WATT
18/06/2020
SW4305D TTELEC-SW4305D Datasheet
274Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 6 VDC 6 WATT
22/06/2020
SW4307C TTELEC-SW4307C Datasheet
382Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
22/06/2020
SW4308-C TTELEC-SW4308-C Datasheet
409Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 15VDC 7.5WATT
29/11/2022
More results

Similar Description - SW435

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW610 SUNNYWAY-SW610_17 Datasheet
494Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW623 SUNNYWAY-SW623_17 Datasheet
457Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW633 SUNNYWAY-SW633_17 Datasheet
502Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1208 SUNNYWAY-SW1208_17 Datasheet
479Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1250 SUNNYWAY-SW1250_17 Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1250E SUNNYWAY-SW1250E Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1280 SUNNYWAY-SW1280_17 Datasheet
492Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SWF12550 SUNNYWAY-SWF12550_17 Datasheet
310Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
SWF121050 SUNNYWAY-SWF121050_17 Datasheet
315Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
SWF121550 SUNNYWAY-SWF121550_17 Datasheet
397Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com