Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-75SI Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM29F032B-75SI
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75SI Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM29F032B-75SI Datasheet HTML 15Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 16Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 17Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 18Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 19Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 20Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 21Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 22Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
18
Am29F032B
WRITE OPERATION STATUS
The device provides several bits to determine the sta-
tus of a write operation: DQ2, DQ3, DQ5, DQ6, DQ7,
and RY/BY#. Table 6 and the following subsections de-
scribe the functions of these bits. DQ7, RY/BY#, and
DQ6 each offer a method for determining whether a
program or erase operation is complete or in progress.
These three bits are discussed first.
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host
sys tem whether an Embe dded Algor ith m is in
progress or completed, or whether the device is in
Erase Suspend. Data# Polling is valid after the rising
edge of the final WE# pulse in the program or erase
command sequence.
During the Embedded Program algorithm, the device
outputs on DQ7 the complement of the datum pro-
grammed to DQ7. This DQ7 status also applies to pro-
g r amm i n g dur ing Er a s e S u s p end. W h e n the
Embedded Program algorithm is complete, the device
outputs the datum programmed to DQ7. The system
must provide the program address to read valid status
information on DQ7. If a program address falls within a
protected sector, Data# Polling on DQ7 is active for ap-
proximately 2
µs, then the device returns to reading
array data.
During the Embedded Erase algorithm, Data# Polling
produces a “0” on DQ7. When the Embedded Erase al-
gorithm is complete, or if the device enters the Erase
Suspend mode, Data# Polling produces a “1” on DQ7.
This is analogous to the complement/true datum output
described for the Embedded Program algorithm: the
erase function changes all the bits in a sector to “1”;
prior to this, the device outputs the “complement,” or
“0.” The system must provide an address within any of
the sectors selected for erasure to read valid status in-
formation on DQ7.
After an erase command sequence is written, if all sec-
tors selected for erasing are protected, Data# Polling
on DQ7 is active for approximately 100
µs, then the de-
vice returns to reading array data. If not all selected
sectors are protected, the Embedded Erase algorithm
erases the unprotected sectors, and ignores the se-
lected sectors that are protected.
When the system detects DQ7 has changed from the
complement to true data, it can read valid data at
DQ7–DQ0 on the
following read cycles. This is be-
ca u s e DQ 7 may ch a n g e a syn ch ro n o u s ly wit h
DQ0–DQ6 while Output Enable (OE#) is asserted low.
The Data# Polling Timings (During Embedded Algo-
rithms) figure in the “AC Characteristics” section illus-
trates this.
Table 6 shows the outputs for Data# Polling on DQ7.
Figure 4 shows the Data# Polling algorithm.
DQ7 = Data?
Yes
No
No
DQ5 = 1?
No
Yes
Yes
FAIL
PASS
Read DQ7–DQ0
Addr = VA
Read DQ7–DQ0
Addr = VA
DQ7 = Data?
START
Notes:
1. VA = Valid address for programming. During a sector
erase operation, a valid address is an address within
any sector selected for erasure. During chip erase, a
valid address is any non-protected sector address.
2. DQ7 should be rechecked even if DQ5 = “1” because
DQ7 may change simultaneously with DQ5.
Figure 4.
Data# Polling Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com