Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-75SI Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29F032B-75SI
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75SI Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29F032B-75SI Datasheet HTML 24Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 25Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 26Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 27Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 28Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 29Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 30Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 31Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Am29F032B
27
AC CHARACTERISTICS
Write (Erase/Program) Operations
Notes:
1. Not 100% tested.
2. See the “Erase And Programming Performance” section for more information.
Parameter
Parameter Description
Speed Options
Unit
JEDEC
Std
-75
-90
-120
-150
t
AVAV
t
WC
Write Cycle Time (Note 1)
Min
70
90
120
150
ns
t
AVWL
t
AS
Address Setup Time
Min
0
ns
t
WLAX
t
AH
Address Hold Time
Min
40
45
50
50
ns
t
DVWH
t
DS
Data Setup Time
Min
40
45
50
50
ns
t
WHDX
t
DH
Data Hold Time
Min
0
ns
t
GHWL
t
GHWL
Read Recover Time Before Write
(OE# high to WE# low)
Min
0
ns
t
ELWL
t
CS
CE# Setup Time
Min
0
ns
t
WHEH
t
CH
CE# Hold Time
Min
0
ns
t
WLWH
t
WP
Write Pulse Width
Min
40
45
50
50
ns
t
WHWL
t
WPH
Write Pulse Width High
Min
20
ns
t
WHWH1
t
WHWH1
Byte Programming Operation (Note 2)
Typ
7
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
1
sec
Max
8
sec
t
VCS
V
CC Set Up Time (Note 1)
Min
50
µs
t
BUSY
WE# to RY/BY# Valid
Min
40
40
50
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com