Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC153 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT88SC153
Description  3 x 64 x 8 Secure Memory with Authentication
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC153 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT88SC153 Datasheet HTML 16Page - ATMEL Corporation AT88SC153 Datasheet HTML 17Page - ATMEL Corporation AT88SC153 Datasheet HTML 18Page - ATMEL Corporation AT88SC153 Datasheet HTML 19Page - ATMEL Corporation AT88SC153 Datasheet HTML 20Page - ATMEL Corporation AT88SC153 Datasheet HTML 21Page - ATMEL Corporation AT88SC153 Datasheet HTML 22Page - ATMEL Corporation AT88SC153 Datasheet HTML 23Page - ATMEL Corporation AT88SC153 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
AT88SC153
1016D–SMEM–04/04
Ordering Code: 10SI-00
8-lead SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
Note:
10/10/01
8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
8S1
A
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
These drawings are for general information only. Refer to JEDEC Drawing MS-012 for proper dimensions, tolerances, datums, etc.
H
1
2
N
3
Top View
C
E
End View
A
B
L
A2
e
D
Side View
A
–
–
1.75
B
–
–
0.51
C
–
–
0.25
D
–
–
5.00
E
–
–
4.00
e
1.27 BSC
H
–
–
6.20
L
–
–
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com