Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC153 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT88SC153
Description  3 x 64 x 8 Secure Memory with Authentication
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC153 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT88SC153 Datasheet HTML 16Page - ATMEL Corporation AT88SC153 Datasheet HTML 17Page - ATMEL Corporation AT88SC153 Datasheet HTML 18Page - ATMEL Corporation AT88SC153 Datasheet HTML 19Page - ATMEL Corporation AT88SC153 Datasheet HTML 20Page - ATMEL Corporation AT88SC153 Datasheet HTML 21Page - ATMEL Corporation AT88SC153 Datasheet HTML 22Page - ATMEL Corporation AT88SC153 Datasheet HTML 23Page - ATMEL Corporation AT88SC153 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
AT88SC153
1016D–SMEM–04/04
Ordering Code: 10PI-00
8-lead PDIP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8P3, 8-lead, 0.300" Wide Body, Plastic Dual
In-line Package (PDIP)
01/09/02
8P3
B
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA, for additional information.
2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3.
3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.010 inch.
4. E and eA measured with the leads constrained to be perpendicular to datum.
5. Pointed or rounded lead tips are preferred to ease insertion.
6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010 (0.25 mm).
COMMON DIMENSIONS
(Unit of Measure = inches)
SYMBOL
MIN
NOM
MAX
NOTE
D
D1
E
E1
e
L
b2
b
A2 A
1
N
eA
c
b3
4 PLCS
A
––
0.210
2
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
5
b2
0.045
0.060
0.070
6
b3
0.030
0.039
0.045
6
c
0.008
0.010
0.014
D
0.355
0.365
0.400
3
D1
0.005
––
3
E
0.300
0.310
0.325
4
E1
0.240
0.250
0.280
3
e
0.100 BSC
eA
0.300 BSC
4
L
0.115
0.130
0.150
2
Top View
Side View
End View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com