Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F160DB90FI Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F160DB90FI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160DB90FI Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F160DB90FI Datasheet HTML 1Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 2Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 3Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 4Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 5Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 6Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 7Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 8Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
4
Am29F160D
PRODUCT SELECTOR GUIDE
Note:See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29F160D
Speed Option
VCC = 5.0 V ± 5%
75
VCC = 5.0 V ± 10%
90
120
Max access time, ns (tACC)
70
90
120
Max CE# access time, ns (tCE)
70
90
120
Max OE# access time, ns (tOE)30
35
50
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
WP#
BYTE#
CE#
OE#
STB
STB
DQ0
–DQ15 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com