Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F160DB90FI Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F160DB90FI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160DB90FI Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F160DB90FI Datasheet HTML 4Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 5Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 6Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 7Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 8Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 9Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 10Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 11Page - Advanced Micro Devices AM29F160DB90FI Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Am29F160D
7
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F160D
T
75
E
C
TEMPERATURE RANGE
C=
Commercial (0°C to +70°C)
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
F
=
48-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29F160D
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS Boot Sector Flash Memory
5.0 Volt-only Read, Program and Erase
Valid Combinations
Speed
(ns)
Voltage
Range
Order Number
AM29F160DT75,
AM29F160DB75
EC, EI,
FC, FI
70
5.0 V
± 5%
AM29F160DT90,
AM29F160DB90
90
5.0 V
± 10%
AM29F160DT120,
AM29F160DB120
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com