Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-75FCB Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29F016-75FCB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-75FCB Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29F016-75FCB Datasheet HTML 18Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 19Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 20Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 21Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 22Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 23Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 24Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 25Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
Am29F016
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +125°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to Ground
All pins except A9 (Note 1). . . . . . . . . –2.0 V to +7.0 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . .–2.0 V to +7.0 V
A9, OE, RESET (Note 2) . . . . . . . . . –2.0 V to +13.5 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V.
During voltage transitions, inputs may overshoot VSS to
–2.0 V for periods of up to 20 ns. Maximum DC voltage
on output and I/O pins is VCC + 0.5 V. During voltage
transitions, outputs may overshoot to VCC + 2.0 V for
periods up to 20 ns.
2. Minimum DC input voltage on A9, OE, RESET pins is
–0.5 V. During voltage transitions, A9, OE, RESET
pins may overshoot VSS to –2.0 V for periods of up to
20 ns. Maximum DC input voltage on A9 is +12.5 V
which may overshoot to 14.0 V for periods up to 20 ns.
3. No more than one output shorted at a time. Duration of
the short circuit should not be greater than one second.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure of the de-
vice to absolute maximum rating conditions for extended peri-
ods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Case Temperature (TC). . . . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Case Temperature (TC). . . . . . . . . . . .–40°C to +85°C
VCC Supply Voltages
VCC for Am29F016-75 . . . . . . . . . +4.75 V to +5.25 V
VCC for Am29F016-90, 120, 150. . +4.50 V to +5.50 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com