Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-75FCB Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29F016-75FCB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-75FCB Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29F016-75FCB Datasheet HTML 1Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 2Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 3Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 4Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 5Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 6Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-75FCB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FINAL
Publication# 18805
Rev: D Amendment/0
Issue Date: April 1997
Am29F016
16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only,
Sector Erase Flash Memory
DISTINCTIVE CHARACTERISTICS
s 5.0 Volt
± 10% for read and write operations
— Minimizes system level power requirements
s Compatible with JEDEC-standards
— Pinout and software compatible with
single-power supply Flash
— Superior inadvertent write protection
s 48-pin TSOP
s 44-pin SO
s Minimum 100,000 write/erase cycles
guaranteed
s High performance
— 70 ns maximum access time
s Sector erase architecture
— Uniform sectors of 64 Kbytes each
— Any combination of sectors can be erased.
Also supports full chip erase
s Group sector protection
— Hardware method that disables any combination
of sector groups from write or erase operations
(a sector group consists of 4 adjacent sectors of
64 Kbytes each)
s Embedded Erase Algorithms
— Automatically pre-programs and erases the chip
or any sector
s Embedded Program Algorithms
— Automatically programs and verifies data at
specified address
s Data Polling and Toggle Bit feature for
detection of program or erase cycle
completion
s Ready/Busy output (RY/BY)
— Hardware method for detection of program or
erase cycle completion
s Erase Suspend/Resume
— Supports reading or programming data to a
sector not being erased
s Low power consumption
— 25 mA typical active read current
— 30 mA typical program/erase current
s Enhanced power management for standby
mode
—<1
µA typical standby current
— Standard access time from standby mode
s Hardware RESET pin
— Resets internal state machine to the read mode
GENERAL DESCRIPTION
The Am29F016 is a 16 Mbit, 5.0 Volt-only Flash memory
organized as 2 Megabytes of 8 bits each. The 2 Mbytes
of data is divided into 32 sectors of 64 Kbytes for flexible
erase capability. The 8 bits of data appear on DQ0–DQ7.
The Am29F016 is offered in 48-pin TSOP and 44-pin SO
packages. This device is designed to be programmed
in-system with the standard system 5.0 Volt VCC supply.
12.0 Volt VPP is not required for program or erase
operations. The device can also be reprogrammed in
standard EPROM programmers.
The standard Am29F016 offers access times of 70
ns, 90 ns, 120 ns, and 150 ns, allowing high-speed
microprocessors to operate without wait states. To
eliminate bus contention, the device has separate
chip enable (CE), write enable (WE), and output
enable (OE) controls.
The Am29F016 is entirely command set compatible
with the JEDEC single-power supply Flash standard.
Commands are written to the command register using
standard microprocessor write timings. Register
contents serve as input to an internal state-machine
that controls the erase and programming circuitry.
Write cycles also internally latch addresses and data
needed for the programming and erase operations.
Reading data out of the device is similar to reading
from 12.0 Volt Flash or EPROM devices.
The Am29F016 is programmed by executing the pro-
gram command sequence. This will invoke the Embed-


Similar Part No. - AM29F016-75FCB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F016B AMD-AM29F016B Datasheet
477Kb / 38P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016B-1 AMD-AM29F016B-1 Datasheet
190Kb / 8P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016B-120DGC1 AMD-AM29F016B-120DGC1 Datasheet
190Kb / 8P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016B-120DGI1 AMD-AM29F016B-120DGI1 Datasheet
190Kb / 8P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016B-120DPC1 AMD-AM29F016B-120DPC1 Datasheet
190Kb / 8P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
More results

Similar Description - AM29F016-75FCB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F016B-1 AMD-AM29F016B-1 Datasheet
190Kb / 8P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
Advanced Micro Devices
AM29F016D AMD-AM29F016D Datasheet
1Mb / 45P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D AMD-AM29F016D_02 Datasheet
252Kb / 12P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com