Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-90FE Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29F032B-90FE
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-90FE Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29F032B-90FE Datasheet HTML 20Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 21Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 22Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 23Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 24Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 25Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 26Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 27Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Am29F032B
23
DC CHARACTERISTICS
TTL/NMOS Compatible
CMOS Compatible
Notes for DC Characteristics (both tables):
1. The I
CC current is typically less than 1 mA/MHz, with OE# at VIH.
2. I
CC active while Embedded Program or Embedded Erase algorithm is in progress.
3. Not 100% tested.
Parameter
Symbol
Parameter Description
Test Description
Min
Typ
Max
Unit
I
LI
Input Load Current
V
IN = VSS to VCC, VCC = VCC Max
±1.0
µA
I
LIT
A9 Input Load Current
V
CC = VCC Max, A9 = 12.0 V
50
µA
I
LO
Output Leakage Current
V
OUT = VSS to VCC, VCC = VCC Max
±1.0
µA
I
CC1
V
CC Read Current (Note 1)
CE# = V
IL, OE# = VIH
30
40
mA
I
CC2
V
CC Write Current (Notes 2, 3)
CE# = V
IL, OE# = VIH
40
60
mA
I
CC3
V
CC Standby Current
(CE# Controlled)
CE# = V
IH, RESET# = VIH
0.4
1.0
mA
I
CC4
V
CC Standby Current
(RESET# Controlled)
V
CC = VCC Max, RESET# = VIL
0.4
1.0
mA
V
IL
Input Low Level
–0.5
0.8
V
V
IH
Input High Level
2.0
V
CC + 0.5
V
V
ID
Voltage for Autoselect and Sector
Protect
V
CC = 5.0 V
11.5
12.5
V
V
OL
Output Low Voltage
I
OL = 12 mA, VCC = VCC Min
0.45
V
V
OH
Output High Level
I
OH = –2.5 mA VCC = VCC Min
2.4
V
V
LKO
Low V
CC Lock-out Voltage
3.2
4.2
V
Parameter
Symbol
Parameter Description
Test Description
Min
Typ
Max
Unit
I
LI
Input Load Current
V
IN = VSS to VCC, VCC = VCC Max
±1.0
µA
I
LIT
A9 Input Load Current
V
CC = VCC Max, A9 = 12.0 V
50
µA
I
LO
Output Leakage Current
V
OUT = VSS to VCC, VCC = VCC Max
±1.0
µA
I
CC1
V
CC Read Current (Note 1)
CE# = V
IL, OE# = VIH
30
40
mA
I
CC2
V
CC Write Current (Notes 2, 3)
CE# = V
IL, OE# = VIH
30
40
mA
I
CC3
V
CC Standby Current
(CE# Controlled)
CE# = V
CC ± 0.5 V,
RESET# = V
CC ± 0.5 V
15
µA
I
CC4
V
CC Standby Current
(RESET# Controlled)
RESET# = V
SS ± 0.5 V
1
5
µA
V
IL
Input Low Level
–0.5
0.8
V
V
IH
Input High Level
0.7x V
CC
V
CC + 0.3
V
V
ID
Voltage for Autoselect
and Sector Protect
V
CC = 5.0 V
11.5
12.5
V
V
OL
Output Low Voltage
I
OL = 12 mA, VCC = VCC Min
0.45
V
V
OH1
Output High Voltage
I
OH = –2.5 mA, VCC = VCC Min
0.85 V
CC
V
V
OH2
I
OH = –100 µA, VCC = VCC Min
V
CC – 0.4
V
V
LKO
Low V
CC Lock-out Voltage
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com