Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-90FE Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29F032B-90FE
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-90FE Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29F032B-90FE Datasheet HTML 9Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 10Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 11Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 12Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 13Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 14Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 15Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 16Page - Advanced Micro Devices AM29F032B-90FE Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
12
Am29F032B
Sector Group Protection/Unprotection
The hardware sector group protection feature disables
both program and erase operations in any sector
group. Each sector group consists of four adjacent
sectors. Table 4 shows how the sectors are grouped,
and the address range that each sector group con-
tains. The hardware sector group unprotection feature
re-enables both program and erase operations in pre-
viously protected sector groups.
Sector group protection/unprotection must be imple-
mented using programming equipment. The proce-
dure requires a high voltage (V
ID) on address pin A9
and the control pins. Details on this method are pro-
vided in a supplement, publication number 22184.
Contact an AMD representative to obtain a copy of the
appropriate document.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and pro-
tecting sector groups at its factory prior to shipping the
device through AMD’s ExpressFlash™ Service. Con-
tact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See “Autoselect Mode” for
details.
Table 4.
Sector Group Addresses
Temporary Sector Group Unprotect
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated by
setting the RESET# pin to V
ID (11.5 V – 12.5 V). Dur-
ing this mode, formerly protected sector groups can be
programmed or erased by selecting the sector group
addresses. Once V
ID is removed from the RESET#
pin, all the previously protected sector groups are
protected again. Figure 1 shows the algorithm, and
Figure 16 shows the timing diagrams, for this feature.
Figure 1.
Temporary Sector Group Unprotect
Operation
Sector
Group
A21
A20
A19
A18
Sectors
SGA0
00
00
SA0
–SA3
SGA1
00
01
SA4
–SA7
SGA2
0
0
1
0
SA8
–SA11
SGA3
0
0
1
1
SA12
–SA15
SGA4
0
1
0
0
SA16
–SA19
SGA5
0
1
0
1
SA20
–SA23
SGA6
0
1
1
0
SA24
–SA27
SGA7
0
1
1
1
SA28
–SA31
SGA8
10
00
SA32–SA35
SGA9
1
0
0
1
SA36–SA39
SGA10
1
0
1
0
SA40–SA43
SGA11
1
0
1
1
SA44–SA47
SGA12
1
1
0
0
SA48–SA51
SGA13
1
1
0
1
SA52–SA55
SGA14
1
1
1
0
SA56–SA59
SGA15
1
1
1
1
SA60–SA63
START
Perform Erase or
Program Operations
RESET# = V
IH
Temporary Sector Group
Unprotect Completed
(Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sector groups unprotected.
2. All previously protected sector groups are protected
once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com