Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-150SCB Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM29F016-150SCB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150SCB Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29F016-150SCB Datasheet HTML 28Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 29Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 30Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 31Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 32Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 33Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 34Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 35Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
Am29F016
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. 25
°C, 5 V V
CC, 100,000 cycles.
2. Although Embedded Algorithms allow for a longer chip program and erase time, the actual time will be considerably less since
bytes program or erase significantly faster than the worst case byte.
3. Under worst case condition of 90
°C, 4.5 V V
CC, 100,000 cycles.
LATCHUP CHARACTERISTIC
Includes all pins except VCC. Test conditions: VCC = 5.0 Volt, one pin at a time.
TSOP PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter
Limits
Unit
Comments
Min
Typ
Max
Sector Erase Time
1 (Note 1)
8
sec
Excludes 00H programming prior
to erasure
Chip Erase Time
32
256
sec
Excludes 00H programming prior
to erasure
Byte Programming Time
7
300 (Note 3)
µs
Excludes system-level overhead
Chip Programming Time
14.4 (Note 1)
43.2 (Notes 2, 3)
sec
Excludes system-level overhead
Min
Max
Input Voltage with respect to VSS on I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com