Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-150SCB Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F016-150SCB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150SCB Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F016-150SCB Datasheet HTML 6Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 9Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 10Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 11Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 12Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 13Page - Advanced Micro Devices AM29F016-150SCB Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
Am29F016
Table 3.
Sector Address Table
A20
A19
A18
A17
A16
Address Range
SA0
0
0
0
0
0
000000h-00FFFFh
SA1
0
0
0
0
1
010000h-01FFFFh
SA2
0
0
0
1
0
020000h-02FFFFh
SA3
0
0
0
1
1
030000h-03FFFFh
SA4
0
0
1
0
0
040000h-04FFFFh
SA5
0
0
1
0
1
050000h-05FFFFh
SA6
0
0
1
1
0
060000h-06FFFFh
SA7
0
0
1
1
1
070000h-07FFFFh
SA8
0
1
0
0
0
080000h-08FFFFh
SA9
0
1
0
0
1
090000h-09FFFFh
SA10
0
1
0
1
0
0A0000h-0AFFFFh
SA11
0
1
0
1
1
0B0000h-0BFFFFh
SA12
0
1
1
0
0
0C0000h-0CFFFFh
SA13
0
1
1
0
1
0D0000h-0DFFFFh
SA14
0
1
1
1
0
0E0000h-0EFFFFh
SA15
0
1
1
1
1
0F0000h-0FFFFFh
SA16
1
0
0
0
0
100000h-10FFFFh
SA17
1
0
0
0
1
110000h-11FFFFh
SA18
1
0
0
1
0
120000h-12FFFFh
SA19
1
0
0
1
1
130000h-13FFFFh
SA20
1
0
1
0
0
140000h-14FFFFh
SA21
1
0
1
0
1
150000h-15FFFFh
SA22
1
0
1
1
0
160000h-16FFFFh
SA23
1
0
1
1
1
170000h-17FFFFh
SA24
1
1
0
0
0
180000h-18FFFFh
SA25
1
1
0
0
1
190000h-19FFFFh
SA26
1
1
0
1
0
1A0000h-1AFFFFh
SA27
1
1
0
1
1
1B0000h-1BFFFFh
SA28
1
1
1
0
0
1C0000h-1CFFFFh
SA29
1
1
1
0
1
1D0000h-1DFFFFh
SA30
1
1
1
1
0
1E0000h-1EFFFFh
SA31
1
1
1
1
1
1F0000h-1FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com