Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N137A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6N137A
Description  High Speed Optocoupler, 10 MBd
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137A Datasheet(HTML) 1 Page - Vishay Siliconix

  6N137A Datasheet HTML 1Page - Vishay Siliconix 6N137A Datasheet HTML 2Page - Vishay Siliconix 6N137A Datasheet HTML 3Page - Vishay Siliconix 6N137A Datasheet HTML 4Page - Vishay Siliconix 6N137A Datasheet HTML 5Page - Vishay Siliconix 6N137A Datasheet HTML 6Page - Vishay Siliconix 6N137A Datasheet HTML 7Page - Vishay Siliconix 6N137A Datasheet HTML 8Page - Vishay Siliconix 6N137A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
6N137A
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 22-May-13
1
Document Number: 84131
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Speed Optocoupler, 10 MBd
DESCRIPTION
The 6N137A is single channel 10 MBd optocouplers utilizing
a high efficient input LED coupled to a very high speed
integrated photo-detector logic gate with a strobable
output. This detector features an open collector. The internal
shield provides a guaranteed common mode transient
immunity of 1 kV/μs. The use of a 0.1 μF bypass capacitor
connected between pin 5 and 8 is recommended.
AGENCY APPROVALS
(Parts are certified under base model 6N137A)
• UL1577 file number: E52744, double protection
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• CQC GB8898, GB4943.1
FEATURES
• CMR performance of 1 kV/μs
• High speed: 10 MBd typical
• LSTTL/TTL compatibility
• Low input current capability: 5 mA
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Microprocessor system interface
• PLC, ATE input/output isolation
• Computer peripheral interface
• Digital fieldbus isolation: CC-link, DeviceNet, profibus,
SDS
• High speed A/D and D/A conversion
• AC plasma display panel level shifting
• Multiplexed data transmission
• Digital control power supply
• Ground loop elimination
Note
• Additional options may be possible, please contact sales office.
1
2
3
4
8
7
6
5
NC
A
C
NC
V
CC
V
E
VO
GND
6N137A
Truth Table (Positive Logic)
LED
ENABLE
OUTPUT
ON
OFF
ON
OFF
ON
OFF
HL
HH
LH
LH
NC
L
NC
H
18921-35
ORDERING INFORMATION
6
N
137
A
-
X
0
0#
T
PART NUMBER
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CMR (V/μs)
UL, cUL, CQC
1000
DIP-8
6N137A
SMD-8, option 7
6N137A-X007T
VDE, UL, cUL, CQC
1000
DIP-8
6N137A-X001
SMD-8, option 7
6N137A-X017T
7.62 mm
DIP-8
Option 7
> 7 mm


Similar Part No. - 6N137A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N137A VISHAY-6N137A Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
6N137A-X001 VISHAY-6N137A-X001 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
6N137A-X007T VISHAY-6N137A-X007T Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
6N137A-X017T VISHAY-6N137A-X017T Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
More results

Similar Description - 6N137A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
High Speed Optocoupler, 10 Mbd
07-Jun-05
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
High Speed Optocoupler, 10 MBd SOIC-8 Package
26-Jun-06
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
High Speed Optocoupler, 10 MBd
06-Oct-08
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
06-Oct-08
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
Widebody, High Isolation, High Speed Optocoupler, 10 MBd
07-Aug-14
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8
25-Oct-12
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
Widebody, High Isolation, High Speed Optocoupler, 10 MBd
07-Aug-14
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com