Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C164 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C164
Description  8-Bit Parallel-Out Serial Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C164 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C164 Datasheet HTML 1Page - National Semiconductor (TI) MM54C164 Datasheet HTML 2Page - National Semiconductor (TI) MM54C164 Datasheet HTML 3Page - National Semiconductor (TI) MM54C164 Datasheet HTML 4Page - National Semiconductor (TI) MM54C164 Datasheet HTML 5Page - National Semiconductor (TI) MM54C164 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd1
Propagation Delay Time to a Logical ‘‘0’’ or a
VCC e 5V
230
310
ns
Logical ‘‘1’’ from Clock to Q
VCC e 10V
90
120
ns
tpd0
Propagation Delay Time to a Logical ‘‘0’’ from
VCC e 5V
280
380
ns
Clear to Q
VCC e 10V
110
150
ns
tS
Time Prior to Clock Pulse that Data
VCC e 5V
200
110
ns
Must be Present
VCC e 10V
80
30
ns
tH
Time After Clock Pulse that
VCC e 5V
0
0
ns
Data Must be Held
VCC e 10V
0
0
ns
fMAX
Maximum Clock Frequency
VCC e 5V
20
3
MHz
VCC e 10V
55
8
MHz
tW
Minimum Clear Pulse Width
VCC e 5V
150
250
ns
VCC e 10V
55
90
ns
tr tf
Maximum Clock Rise and Fall Time
VCC e 5V
15
m
s
VCC e 10V
5
m
s
CIN
Input Capacitance
Any Input (Note 2)
5
pF
CPD
Power Dissipation Capacitance
(Note 3)
140
pF
AC Parameters are guaranteed by DC correlated testing
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
Logic Waveforms
TLF5896 – 3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com