Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C164 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C164
Description  8-Bit Parallel-Out Serial Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C164 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C164 Datasheet HTML 1Page - National Semiconductor (TI) MM54C164 Datasheet HTML 2Page - National Semiconductor (TI) MM54C164 Datasheet HTML 3Page - National Semiconductor (TI) MM54C164 Datasheet HTML 4Page - National Semiconductor (TI) MM54C164 Datasheet HTML 5Page - National Semiconductor (TI) MM54C164 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5896
February 1988
MM54C164MM74C164
8-Bit Parallel-Out Serial Shift Register
General Description
The MM54C164MM74C164 shift registers are a monolithic
complementary MOS (CMOS) integrated circuit constructed
with N- and P-channel enhancement transistors These 8-bit
shift registers have gated serial inputs and clear Each regis-
ter bit is a D-type masterslave flip-flop A high-level input
enables the other input which will then determine the state
of the flip-flop
Data is serially shifted in and out of the 8-bit register during
the positive going transition of clock pulse Clear is indepen-
dent of the clock and accomplished by a low level at the
clear input All inputs are protected against electrostatic ef-
fects
Features
Y
Supply voltage range
3V to 15V
Y
Tenth power TTL compatible
drive 2 LPTTL loads
Y
High noise immunity
045 VCC (typ)
Y
Low power
50 nW (typ)
Y
Medium speed operation
08 MHz (typ)
with 10V supply
Applications
Y
Data terminals
Y
Instrumentation
Y
Medical electronics
Y
Alarm systems
Y
Industrial electronics
Y
Remote metering
Y
Computers
Truth Table
Serial Inputs A and B
Inputs
Output
tn
tna1
AB
QA
11
1
01
0
10
0
00
0
Connection Diagram
Dual-In-Line Package
TLF5896 – 2
Top View
Order Number MM54C164 or MM74C164
Block Diagram
TLF5896 – 1
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C165 NSC-MM54C165 Datasheet
135Kb / 6P
Parallel-Load 8-Bit Shift Register
More results

Similar Description - MM54C164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
8-Bit Parallel-Out Serial Shift Register
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com