Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-150FIB Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29F016-150FIB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150FIB Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F016-150FIB Datasheet HTML 1Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 2Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 3Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 4Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 5Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 6Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Am29F016
3
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Family Part No.
Ordering Part No:
VCC = 5.0 Volt ± 5%
-75
VCC = 5.0 Volt ± 10%
-90
-120
-150
Max Access Time (ns)
70
90
120
150
CE (E) Access (ns)
70
90
120
150
OE (G) Access (ns)
40
40
50
75
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE
CE
OE
STB
STB
DQ0
–DQ7
Sector Switches
RY/BY
RESET
Data
Latch
Y-Gating
Cell Matrix
18805D-2
A0–A20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com