Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-150FIB Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29F016-150FIB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150FIB Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F016-150FIB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 9Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 10Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 11Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Am29F016
11
Table 4.
Sector Group Addresses
Write
Device erasure and programming are accomplished
via the command register. The contents of the register
serve as inputs to the internal state machine. The state
machine outputs dictate the function of the device.
The command register itself does not occupy any ad-
dressable memory location. The register is a latch used
to store the commands, along with the address and
data information needed to execute the command. The
command register is written to by bringing WE to VIL,
while CE is at VIL and OE is at VIH. Addresses are
latched on the falling edge of WE or CE, whichever
happens later; while data is latched on the rising edge
of WE or CE, whichever happens first. Standard micro-
processor write timings are used.
Refer to AC Write Characteristics and the Erase/Pro-
gramming Waveforms for specific timing parameters.
Sector Group Protection
The Am29F016 features hardware sector group protec-
tion. This feature will disable both program and erase
operations in any combination of eight sector groups of
memory. Each sector group consists of four adjacent
sectors grouped in the following pattern: sectors 0
–3,
4
–7, 8–11, 12–15, 16–19, 20–23, 24–27, and 28–31
(see Table 4). The sector group protect feature is en-
abled using programming equipment at the user’s site.
The device is shipped with all sector groups unpro-
tected. Alternatively, AMD may program and protect
sector groups in the factory prior to shipping the device
(AMD’s ExpressFlash™ Service).
It is possible to determine if a sector group is protected
in the system by writing an Autoselect command. Per-
forming a read operation at the address location
XX02H, where the higher order address bits A18, A19,
and A20 is the desired sector group address, will pro-
duce a logical “1” at DQ0 for a protected sector group.
See Table 2 for Autoselect codes.
Temporary Sector Group Unprotect
This feature allows temporary unprotection of previ-
ously protected sector groups of the Am29F016 device
in order to change data in-system. The Sector Group
Unprotect mode is activated by setting the RESET pin
to high voltage (12V). During this mode, formerly pro-
tected sector groups can be programmed or erased by
selecting the sector group addresses. Once the 12 V is
taken away from the RESET pin, all the previously pro-
tected sector groups will be protected again. Refer to
Figures 15 and 16.
Command Definitions
Device operations are selected by writing specific ad-
dress and data sequences into the command register.
Writing incorrect address and data values or writ-
ing them in the improper sequence will reset the
device to the read mode. Table 5 defines the valid
register command sequences. Note that the Erase
Suspend (B0H) and Erase Resume (30H) commands
are valid only while the Sector Erase operation is in
progress. Moreover, both Reset/Read commands are
functionally equivalent, resetting the device to the read
mode.
A20
A19
A18
Sectors
SGA0
0
0
0
SA0
–SA3
SGA1
0
0
1
SA4
–SA7
SGA2
0
1
0
SA8
–SA11
SGA3
0
1
1
SA12
–SA15
SGA4
1
0
0
SA16
–SA19
SGA5
1
0
1
SA20
–SA23
SGA6
1
1
0
SA24
–SA27
SGA7
1
1
1
SA28
–SA31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com