Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA10F-050-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA10F-050-R
Description  10 Watt F-Series Adapter with Interchangeable AC Clips PSA10F Level VI Adapter with DC Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA10F-050-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA10F-050-R Datasheet HTML 1Page - Phihong USA Inc. PSA10F-050-R Datasheet HTML 2Page - Phihong USA Inc. PSA10F-050-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revision 6/6/2016
WWW.PHIHONG.COM
10 Watt F-Series Adapter with Interchangeable AC Clips
PSA10F Level VI Adapter with DC Cord
Features
• Folding Blades
• Interchangeable AC Clips
• Constant Current for Battery Charging
• Level VI Efficiency Compliant
• 15mm Thick with Blades Folded
• No load power draw <0.10W
• Standard Barrel or Micro-B
Applications
• Tablets
• Personal Electronics
• Networking Equipment
• Peripherals
Safety Approvals
• cUL/UL
• CE
• RCM (1)
• TUV-Brazil
• BSMI
• PSE
Mechanical Characteristics
• Length: 60mm (2.36in)
• Height: 15.0mm (0.59in)
• Width: 47mm (1.85in)
• Weight: 67 (2.36oz)
Output Specifications
(1) May need registration by Australian local representative.
(2) Minimum order quantity applies for this model
(3) China Model
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the most
up-to-date specifications and contact information.
Model
DC Output Voltage
Load
Output
Min.
Typ.
Max.
Min.
Max.
Connector
PSA10F-050
4.75V
5V
5.25V
0A
2A
Micro-B
PSA10F-050(P)
(2)
4.75V
5V
5.25V
0A
2A
Standard Barrel
PSA10FC-050
(3)(2)
4.75V
5V
5.25V
0A
2A
Micro-B


Similar Part No. - PSA10F-050-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA10F-050 PHIHONG-PSA10F-050 Datasheet
89Kb / 2P
10 Watt F-Series Adapter with Interchangeable AC Clips
PSA10F-050 PHIHONG-PSA10F-050 Datasheet
182Kb / 3P
10 Watt F-Series Interchangeable Plug Adapter with DC Cord
PSA10F-050(P) PHIHONG-PSA10F-050(P) Datasheet
182Kb / 3P
10 Watt F-Series Interchangeable Plug Adapter with DC Cord
PSA10F-050Q PHIHONG-PSA10F-050Q Datasheet
82Kb / 2P
10 Watt F-Series Adapter with Interchangeable AC Clips
PSA10F-050Q PHIHONG-PSA10F-050Q Datasheet
154Kb / 2P
10 Watt F-Series Adapter Supports Interchangeable AC Clips Adapter Meets Level VI Efficiency Requirements
More results

Similar Description - PSA10F-050-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA10F PHIHONG-PSA10F Datasheet
82Kb / 2P
10 Watt F-Series Adapter with Interchangeable AC Clips
PSA10F-050 PHIHONG-PSA10F-050 Datasheet
89Kb / 2P
10 Watt F-Series Adapter with Interchangeable AC Clips
PSA03F-050Q PHIHONG-PSA03F-050Q Datasheet
149Kb / 2P
2.75 Watt F-Series Adapter with Interchangeable AC Clips Thin Adapter Meets Level VI Efficiency Requirements
PSA05F-050QAL6 PHIHONG-PSA05F-050QAL6 Datasheet
608Kb / 2P
5 Watt F-Series Adapter with Interchangeable AC Clips Battery Charging Adapter Meets Level VI Efficiency Requirements
PSAA20R-240L6 PHIHONG-PSAA20R-240L6 Datasheet
117Kb / 2P
20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
PSAI05R-050QL6-R PHIHONG-PSAI05R-050QL6-R Datasheet
114Kb / 2P
5W USB Adapter with Interchangeable Plugs PSAI05R-050QL6 Series Meets Level VI
PSA03F-050Q1 PHIHONG-PSA03F-050Q1 Datasheet
225Kb / 3P
2.75 Watt F-Series Interchangeable Plug Adapter
PSA05F-050QAL6 PHIHONG-PSA05F-050QAL6_17 Datasheet
128Kb / 3P
5 Watt F-Series Adapter with Interchangeable AC Clips
PSA10F-050 PHIHONG-PSA10F-050_18 Datasheet
182Kb / 3P
10 Watt F-Series Interchangeable Plug Adapter with DC Cord
PSA10F-050Q PHIHONG-PSA10F-050Q Datasheet
154Kb / 2P
10 Watt F-Series Adapter Supports Interchangeable AC Clips Adapter Meets Level VI Efficiency Requirements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com