Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA10F-050-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA10F-050-R
Description  10 Watt F-Series Adapter with Interchangeable AC Clips PSA10F Level VI Adapter with DC Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA10F-050-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA10F-050-R Datasheet HTML 1Page - Phihong USA Inc. PSA10F-050-R Datasheet HTML 2Page - Phihong USA Inc. PSA10F-050-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSA10F Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC
AC Input Frequency
47 to 63Hz
AC Input Current
0.3A RMS maximum at 120VAC
0.15A RMS maximum at 240VAC
Leakage Current
100uA maximum at 240VAC
Inrush Current
60A at 240VAC
OUTPUT:
Output Power
10W Continuous
Efficiency
DOE Level VI
EU CoC Ver5 Tier2
Standby Power
<100mW at 230VAC
Ripple and Noise
100mVp-p at 0A-1A load
200mVp-p at 1A-2A load
Current Limit
2.5A when less than 3V (auto-restart)
ENVIRONMENTAL:
Temperature
Operating
0 to 40C
Non-operating
-40 to +85C
Humidity
10 to 90%
EMI
FCC Class B, EN55022 Class B
Immunity
ESD:
EN61000-4-2
Level 3
Radiated:
EN61000-4-3
Level 2
EFT:
EN61000-4-4
Level 2
Surge:
EN61000-4-5
Level 3
C/T:
EN61000-4-6
Level 2
PFMT:
EN61000-4-8
VDT:
EN61000-4-11
Harmonic:
EN61000-3-2
Class A
Flicker:
EN61000-3-3
Dielectric Withstand (HI-POT) Test
Primary to secondary: 3000VAC, 10mA, 60 seconds
Insulation Resistance
Primary to secondary: 500V >7M OHM
FEATURES:
Over Voltage Protection
Auto-restart 6.3V maximum
Short Circuit Protection
Must withstand continuous short circuit
Over Temperature Protection
Auto shutdown without fault
DC Output
PSA10F-050 Micro-B USB: D+/D- Shorted
PSA10F-050(P) Standard Barrel: Center Positive 5.5x2.1x10mm
AC Input
US Fixed Blade folding prong
Interchangeable AC Clips (fit over US prongs)
FPBAG (FPE, FPK, FPS)
FPB:
Brazil
FPI:
India
FPC:
China
FPK:
UK
FPE:
Europe
FPN:
Argentina
FPH:
Korea
FPS:
Australia
(Sold Separately)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com