Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA30W-190A-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA30W-190A-R
Description  Smallest 30W Universal 2-Wire Input Adapter PSA30W Adapter is Level V Efficient
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA30W-190A-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA30W-190A-R Datasheet HTML 1Page - Phihong USA Inc. PSA30W-190A-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
Smallest 30W Universal 2-Wire Input Adapter
PSA30W Adapter is Level V Efficient
Features
 Very Small
 Class B EMI
 Low Cost
 Ecodesign ErP Directive 2009/125/EC
Compliant
 Input Power Saving <0.2W
 Low Leakage
 Level V Efficiency Compliance
Applications
 Portable Equipment
 Netbook Computing
 Peripherals
 Gaming Machines
Safety Approvals
 CE
 cUL/UL
 TUV
Mechanical Characteristics
 Length: 80mm (3.14in)
 Height: 24mm (0.94in)
 Width: 35mm (1.38in)
 Weight: 110g (3.9oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage Range
Load
Ripple
Efficiency
Min.
Max.
Peak.
P-P (max.)
Level
PSA30W-190A-R
18.05~19.95V
0A
1.6A
1.8A
190mV


Similar Part No. - PSA30W-190A-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA3000 PHIHONG-PSA3000 Datasheet
444Kb / 2P
PSA3000 Rack accommodating 1000-3300W (DC)
PSA3000-611 PHIHONG-PSA3000-611 Datasheet
444Kb / 2P
PSA3000 Rack accommodating 1000-3300W (DC)
PSA3000-611 PHIHONG-PSA3000-611 Datasheet
444Kb / 2P
PSA3000 Rack accommodating 1000-3300W Up to 3 PSM1000 Power Supplies
logo
Z-Communications, Inc
PSA3000A ZCOMM-PSA3000A Datasheet
78Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results

Similar Description - PSA30W-190A-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA60W-120 PHIHONG-PSAA60W-120 Datasheet
118Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSC60W-120 PHIHONG-PSC60W-120 Datasheet
130Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSAC30U-050 PHIHONG-PSAC30U-050_14 Datasheet
98Kb / 2P
20-30W Universal 3-Wire Input Desktop Adapter
PSA40W PHIHONG-PSA40W Datasheet
89Kb / 2P
Smallest 40W Universal 2-Wire Input Adapter
PSAC45W PHIHONG-PSAC45W Datasheet
177Kb / 2P
45 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_14 Datasheet
114Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSM36W-120TW2 PHIHONG-PSM36W-120TW2 Datasheet
123Kb / 2P
36 Watt Universal 2-Wire Input Adapter
PSAC30U-120L6 PHIHONG-PSAC30U-120L6 Datasheet
119Kb / 2P
20-30W Universal 3-Wire Input Desktop Adapter PSAC30U Adapter Meets Level VI Efficiency
PSAC30U-050L6 PHIHONG-PSAC30U-050L6 Datasheet
99Kb / 3P
20-30W Universal 3-Wire Input Desktop Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_17 Datasheet
98Kb / 3P
60 Watt Universal 2-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com