Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA30W-190A-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA30W-190A-R
Description  Smallest 30W Universal 2-Wire Input Adapter PSA30W Adapter is Level V Efficient
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA30W-190A-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA30W-190A-R Datasheet HTML 1Page - Phihong USA Inc. PSA30W-190A-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSA30W Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC
AC Input Frequency
47 to 63Hz
Max In-Rush Current
60A maximum for 230VAC at maximum load
AC Input Current
0.8A (RMS) maximum at 110VAC
Leakage Current
0.25mA maximum at all line conditions
Input Power Saving
<0.2W for 240VAC at no load
OUTPUT:
Output Power
30W continuous
Efficiency
Meets requirements for Level V marking
Hold up time
>5ms at 100VAC, 50Hz and full load
ENVIRONMENTAL
Operating Temperature
0 to 40°C
Storage Temperature
-20 to 80°C
Operating Humidity
20 to 80% ±
EMI
EN55022 class B, FCC Part 15 class B
Immunity
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-5
IEC61000-4-6
IEC61000-4-8
IEC61000-4-11
EN61000-3-2
EN61000-3-3
Isolation (Hi-POT)
Input to Output: 3000VAC for 5mA, 1 minute
Insulation Resistance
Input to Output: 500VDC 100M ohm, 1minute
FEATURES
Over Current Protection
2.0~2.8A at nominal input and full load
Short Circuit Protection
The output can be shorted permanently without damage
Over Voltage Protection
23V (min) ~ 34V (max) Vo
AC Input Connector
IEC320 C8 two-wire
DC Output Connector
2.5 x 5.5mm center positive barrel
Dimension Diagram Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com