Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # CSM
Description  Board Mount Heat Sink For TO-220 Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

CSM Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  CSM Datasheet HTML 1Page - Ohmite Mfg. Co. CSM Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
164
characteristics
csM series
Board Mount Heat Sink
For TO-220 Devices
Heatsink
Surface Area
Weight
Length L
Thermal
Part Number
(in2 / mm2)
(oz / g)
(mm) Res.* (°C/W)
CSM221-12AE
1.84 / 1,188
0.13/ 3.7
12
18.0
CSM221-28AE
4.30 / 2,772
0.3 / 8.5
28
12.8
CSM221-40AE
6.14 / 3,960 0.43 / 12.2
40
12.1
CSM222-30AE
6.25 / 4,029
0.5 / 14.2
30
11.3
CSM223-50AE
10.30 / 6,645 0.6 / 17.0
50
9.8
*Free convection at 10 watts dissipation
series s P eci F icati ON s
Heat Dissipation
Heat dissipation is the total for ALL DEVICES attached to
the heat sink
(continued)
600
400
500
900
700
800
Heat Dissipated (watts)
4
2
0
10
8
6
12
14
300
1000
Air Velocity (ft./min.)
CSM221-12AE
CSM221-28AE
CSM221-40AE
0
15
30
45
60
75
90
150
135
105
120
0
1
2
3
4
5
6
7
8
9
10
600
400
500
900
700
800
Heat Dissipated (watts)
4
2
0
10
8
6
12
14
300
1000
Air Velocity (ft./min.)
CSM222-30AE
CSM223-50AE
0
15
30
45
60
75
90
150
135
105
120
0
1
2
3
4
5
6
7
8
9
10
Heat Sink
Aluminum Alloy 6063-T5 or Equivalent
with either degreased or black anodized
finish.
Solder Foot
Cold-rolled Steel, surface tin plated.
Interface
Thermal
Resistance
for improvement, use thermal joint com-
pound, 0.005 Grafoil (TGon 800 by Laird),
or phase change material (Hi-Flow by
Bergquist)
Insulato
r (Optional) Sil-Pad 900-S, K6 800-S and
K10 by Bergquist
The economically priced CSM Series is suitable for
use with TO-220 devices found in active components
as well as power resistors. With surface areas rang-
ing from 1188 Sq. mm to 6645 Sq. mm, the CSM
family comes in 5 configurations, all of them with
Black Anodized surface treatment. These heatsinks
offer a range of thermal performance from 18.0 to
9.8 C/W. Each device offers solder able mounting
feet and anywhere from 1, 2 or 3 mounting holes are
available for convenient device attachment.


Similar Part No. - CSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
logo
BlockMaster Electronics...
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
127Kb / 1P
This specification applies to – CSFXX001 - Plug
6/11/2017
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
131Kb / 1P
This specification applies to – CSFXX002 - Plug
6/11/2017
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
167Kb / 1P
This specification applies to – CSFXX091 - Plug
6/11/2017
More results

Similar Description - CSM

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WV-T220-101E OHMITE-WV-T220-101E Datasheet
82Kb / 1P
For TO-220 and TO-247 devices
logo
Lumins Inc.
MA14SH LUMINIS-MA14SH Datasheet
540Kb / 5P
Cast aluminum LED board heat sink.
logo
Ohmite Mfg. Co.
AP830 OHMITE-AP830 Datasheet
279Kb / 2P
Single screw mounting to heat sink
AP851 OHMITE-AP851 Datasheet
430Kb / 2P
Single screw mounting to heat sink
logo
NXP Semiconductors
MCIMX6QP-SDB NXP-MCIMX6QP-SDB Datasheet
325Kb / 12P
SABRE Board for Smart Devices
2012, 2014??015
logo
Ohmite Mfg. Co.
ACL-AP830 OHMITE-ACL-AP830 Datasheet
347Kb / 2P
Single screw mounting to heat sink
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
logo
List of Unclassifed Man...
TV5 ETC-TV5 Datasheet
114Kb / 1P
TO-220 HEAT SINKS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com