Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS730F Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFS730F
Description  400V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS730F Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFS730F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 7Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 8Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Absolute Maximum Ratings T
C=25
unless otherwise specified
HFP730F / HFS730F
400V N-Channel MOSFET
Dec 2016
Parameter
Value
Unit
BVDSS
400
V
ID
6A
RDS(on), Typ
0.8
Qg,Typ
13
nC
Key Parameters
Features
Symbol
Parameter
TO-220
TO-220F
Unit
V
DSS
Drain-Source Voltage
400
V
I
D
Drain Current
– Continuous (T
C = 25
)
6.0
6.0 *
A
Drain Current
– Continuous (T
C = 100
)
3.6
3.6 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
24
24 *
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
250
mJ
I
AR
Avalanche Current
(Note 1)
6.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
7.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
C = 25
)
- Derate above 25
76
29
W
0.61
0.23
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Symbol
Parameter
TO-220
TO-220F
Unit
R
JC
Thermal Resistance, Junction-to-Case, Max.
1.65
4.3
/W
R
CS
Thermal Resistance, Case-to-Sink, Typ.
0.5
--
/W
R
JA
Thermal Resistance, Junction-to-Ambient, Max.
62.5
62.5
/W
* Drain current limited by maximum junction temperature
Thermal Resistance Characteristics
HFP730F
TO-220
HFS730F
TO-220F
Symbol
G
D
S
G
D
S
Originative New Design
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
100% Avalanche Tested
RoHS Compliant


Similar Part No. - HFS730F

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS730 SEMIHOW-HFS730 Datasheet
914Kb / 7P
400V N-Channel MOSFET
HFS730S SEMIHOW-HFS730S Datasheet
284Kb / 7P
Superior Avalanche Rugged Technology
HFS730U SEMIHOW-HFS730U Datasheet
318Kb / 8P
Superior Avalanche Rugged Technology
More results

Similar Description - HFS730F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
400V N-Channel MOSFET
FQP7N40 FAIRCHILD-FQP7N40 Datasheet
757Kb / 8P
400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
400V N-Channel MOSFET
IRFR330B FAIRCHILD-IRFR330B Datasheet
671Kb / 9P
400V N-Channel MOSFET
IRFW740B FAIRCHILD-IRFW740B Datasheet
678Kb / 9P
400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com