Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS730F Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS730F
Description  400V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS730F Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS730F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 7Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 8Page - SemiHow Co.,Ltd. HFS730F Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
3
6
9
12
15
0
2
4
6
8
10
12
Q
G, Total Gate Charge [nC]
Note : I
D = 6 A
V
DS = 80V
V
DS = 200V
V
DS = 320V
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
23
45
67
89
10
0.1
1
10
V
GS, Gate-Source Voltage [V]
-55
oC
25
oC
Notes :
1. V
DS= 30V
2. 300us Pulse Test
150
oC
010
20
30
0
4
8
12
16
V
DS, Drain-Source Voltage [V]
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom : 4.5 V
Notes :
1. 300us Pulse Test
2. T
C = 25
oC
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
V
SD, Source-Drain Voltage [V]
Notes :
1. V
GS= 0V
2. 300us Pulse Test
25
oC
150
oC
048
12
16
0
1
2
3
4
I
D, Drain Current[A]
V
GS = 10V
V
GS = 20V
Note : T
J = 25
oC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com