Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CSDX-3.3 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2951CSDX-3.3
Description  Series of Adjustable Micropower Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951CSDX-3.3 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2951CSDX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Electrical Characteristics (Note 2) (Continued)
Parameter
Conditions
(Note 2)
LP2951
LP2950AC-XX
LP2950C-XX
Units
LP2951AC-XX
LP2951C-XX
Tested
Tested
Design
Tested
Design
Typ
Limit
Typ
Limit
Limit
Typ
Limit
Limit
(Notes 3, 16)
(Note 3)
(Note 4)
(Note 3)
(Note 4)
All Voltage Options
Temperature
Coefficient
Feedback Pin Bias
0.1
0.1
0.1
nA/˚C
Current Temperature
Coefficient
Error Comparator
Output Leakage
V
OH = 30V
0.01
1
0.01
1
0.01
1
µA max
Current
22
2
µA max
Output Low
V
in =(VONOM −
0.5)V
150
250
150
250
150
250
mV max
Voltage
I
OL = 400µA
400
400
400
mV max
Upper Threshold
(Note 6)
60
40
60
40
60
40
mV min
Voltage
25
25
25
mV min
Lower Threshold
(Note 6)
75
95
75
95
75
95
mV max
Voltage
140
140
140
mV max
Hysteresis
(Note 6)
15
15
15
mV
Shutdown Input
Input
1.3
1.3
1.3
V
Logic
Low (Regulator
ON)
0.6
0.7
0.7
V max
Voltage
High (Regulator
OFF)
2.0
2.0
2.0
V min
Shutdown Pin Input
Current
V
shutdown = 2.4V
30
50
30
50
30
50
µA max
100
100
100
µA max
V
shutdown = 30V
450
600
450
600
450
600
µA max
750
750
750
µA max
Regulator Output
Current in Shutdown
(Note 11)
3
10
3
10
3
10
µA max
20
20
20
µA max
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: Unless otherwise specified all limits guaranteed for VIN =(VONOM + 1)V, IL = 100µA and CL = 1µF for 5V versions and 2.2µF for 3V and 3.3V versions. Limits
appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in normal type apply for TA =TJ = 25˚C. Additional
conditions for the 8-pin versions are FEEDBACK tied to VTAP, OUTPUT tied to SENSE, and VSHUTDOWN ≤ 0.8V.
Note 3: Guaranteed and 100% production tested.
Note 4: Guaranteed but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
Note 5: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value measured at 1V differential.
At very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over temperature) must be taken into account.
Note 6: Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal reference voltage measured at Vin =
(VONOM + 1)V. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = Vout/Vref = (R1 + R2)/R2.For example, at a
programmed output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95mV x 5V/1.235V = 384 mV. Thresholds remain constant as
a percent of Vout as Vout is varied, with the dropout warning occurring at typically 5% below nominal, 7.5% guaranteed.
Note 7: Vref ≤ Vout ≤ (Vin − 1V), 2.3V ≤ Vin ≤ 30V, 100µA ≤ IL ≤ 100mA, TJ ≤ TJMAX.
Note 8: The junction-to-ambient thermal resistances are as follows: 180˚C/W and 160˚C/W for the TO-92 package with 0.40 inch and 0.25 inch leads to the printed
circuit board (PCB) respectively, 105˚C/W for the molded plastic DIP (N), 130˚C/W for the ceramic DIP (J), 160˚C/W for the molded plastic SOP (M), 200˚C/W for
the molded plastic MSOP (MM), and 160˚C/W for the metal can package (H). The above thermal resistances for the N, J, M, and MM packages apply when the
package is soldered directly to the PCB. Junction-to-case thermal resistance for the H package is 20˚C/W. Junction-to-case thermal resistance for the TO-252
package is 5.4˚C/W. The value of
θJA for the LLP package is typically 51˚C/W but is dependent on the PCB trace area, trace material, and the number of layers and
thermal vias. For details of thermal resistance and power dissipation for the LLP package, refer to Application Note AN-1187.
Note 9: May exceed input supply voltage.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com