Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CSDX-3.3 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2951CSDX-3.3
Description  Series of Adjustable Micropower Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951CSDX-3.3 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP2951CSDX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP2951CSDX-3.3 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical Characteristics (Note 2) (Continued)
Note 10: When used in dual-supply systems where the output terminal sees loads returned to a negative supply, the output voltage should be diode-clamped to
ground.
Note 11: Vshutdown ≥ 2V, Vin ≤ 30V, Vout = 0, Feedback pin tied to VTAP.
Note 12: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 13: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation
effects. Specifications are for a 50mA load pulse at VIN = 30V (1.25W pulse) for T = 10ms.
Note 14: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are
covered under the specification for thermal regulation.
Note 15: Line regulation for the LP2951 is tested at 150˚C for IL = 1mA. For IL = 100µA and TJ = 125˚C, line regulation is guaranteed by design to 0.2%. See Typical
Performance Characteristics for line regulation versus temperature and load current.
Note 16: A Military RETS specification is available on request. At time of printing, the LP2951 RETS specification complied with the boldface limits in this column.
The LP2951H, WG, or J may also be procured as Standard Military Drawing Spec #5962-3870501MGA, MXA, or MPA.
Note 17: All LP2950 devices have the nominal output voltage coded as the last two digits of the part number. In the LP2951 products, the 3.0V and 3.3V versions
are designated by the last two digits, but the 5V version is denoted with no code at this location of the part number (refer to ordering information table).
Note 18: Human Body Model 1.5k
Ω in series with 100pF.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com