Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL-NRF02D3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # BAL-NRF02D3
Description  Low amplitude imbalance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-NRF02D3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BAL-NRF02D3 Datasheet HTML 3Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 4Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 5Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 6Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 7Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 8Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 9Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 10Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BAL-NRF02D3
Package information
DocID024794 Rev 6
9/11
Figure 14: Footprint - 3 mils stencil -non solder
mask defined
Figure 15: Footprint - 3 mils stencil - solder mask
defined
Figure 16: Footprint - 5 mils stencil -non solder
mask defined
Figure 17: Footprint - 5 mils stencil - solder mask
defined
Copper pad diameter:
220 µm recommended
180 µm minimum
260 µm maximum
Solder mask opening:
320 µm recommended
300 µm minimum
340 µm maximum
Solder stencil opening:
220 µm recommended
Copper pad diameter:
220 µm recommended
180 µm minimum
260 µm maximum
Solder mask opening:
320 µm recommended
300 µm minimum
Solder stencil opening:
220 µm recommended
*depending on paste, it can go down to 270 µm
Copper pad diameter:
220 µm recommended
180 µm minimum
260 µm maximum
Solder mask opening:
320 µm recommended
300 µm minimum
340 µm maximum
Solder stencil opening:
330 µm recommended*
*depending on paste, it can go down to 270 µm
Copper pad diameter:
220 µm recommended
180 µm minimum
260 µm maximum
Solder mask opening:
320 µm recommended
300 µm minimum
Solder stencil opening:
330 µm recommended*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com