Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL-NRF02D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAL-NRF02D3
Description  Low amplitude imbalance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-NRF02D3 Datasheet(HTML) 2 Page - STMicroelectronics

  BAL-NRF02D3 Datasheet HTML 1Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 2Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 3Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 4Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 5Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 6Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 7Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 8Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Application
BAL-NRF02D3
2/11
DocID024794 Rev 6
1
Application
Figure 2: Application schematic
VCC_nRF
VCC_nRF
C8
100nF
C9
1.0nF
P0.17
P0.18
P0.19
P0.04
P0.03
P0.02
P0.30
P0.00
P0.01
P0.05
P0.06
P0.07
P0.20
C10
47nF
P0.31
C1
12pF
C2
12pF
X1
16MHz
C11
100nF
VCC_nRF
C7
100nF
R1
12k
C3
2.2nF
VDD
B8
VDD
H8
VDD_PA
E1
ANT1
D1
ANT2
C1
AVDD
A1
DCC
B9
P0.30
D8
P0.00
C9
P0.01
E9
P0.02
D9
P0.03
F9
P0.04
F8
P0.05
H9
P0.06
G8
P0.07
H7
P0.17
G2
P0.18
H1
P0.19
F2
P0.20
G1
DEC2
F1
P0.31
E8
VSS
D7
VSS
G6
VSS
G9
U1
nRF51822-CEAA
ANT1
A3
ANT2
B3
VDD_PA
A2
GND
B1
SE
A1
B1
BAL-NRF02D3
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com