Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6393FB Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL6393FB
Description  Low voltage full-bridge demonstration board based on the L6393 advanced high voltage gate driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6393FB Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL6393FB Datasheet HTML 1Page - STMicroelectronics EVAL6393FB Datasheet HTML 2Page - STMicroelectronics EVAL6393FB Datasheet HTML 3Page - STMicroelectronics EVAL6393FB Datasheet HTML 4Page - STMicroelectronics EVAL6393FB Datasheet HTML 5Page - STMicroelectronics EVAL6393FB Datasheet HTML 6Page - STMicroelectronics EVAL6393FB Datasheet HTML 7Page - STMicroelectronics EVAL6393FB Datasheet HTML 8Page - STMicroelectronics EVAL6393FB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Board description
EVAL6393FB
2/9
Doc ID 023821 Rev 1
1
Board description
Figure 1.
Jumper and connector location
Table 1.
EVAL6393FB electrical specifications
Parameter
Value
Supply voltage range (VS)(1) (2)
1.
Minimum VS voltage restriction is due to biasing current of the Zener diode used to generate Vcc. This limit
can be decreased by changing R29 value or by opening JP3 and providing an externally generated Vcc
through connector J1.
2.
Maximum VS voltage limit can be increased up to 580 V by replacing the power switches and bulk
capacitor C15 with components with adequate voltage ratings. Resistor R29 should be removed and an
externally generated Vcc should be provided through connector J1.
32 V to 52 VDC
RMS output current rating (OUT x)
Up to 3.0 A
Driver supply voltage (VCC)
(3)
3.
When externally supplied through J1 with JP3 opened, otherwise Vcc = 12 V.
10 to 20 V
Logic control signals
0 to + 15 V
Operating temperature range
-40 to +125 °C
Load connector
Slow/Fast Decay
selection jumpers
BUS voltage
connector
Control signals and
optional external Vcc
connector
On-board Vcc
generation jumper
Off-time setting
trimmer
Peak current
setting trimmer
AM12618v1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com