Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6393FB Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVAL6393FB
Description  Low voltage full-bridge demonstration board based on the L6393 advanced high voltage gate driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6393FB Datasheet(HTML) 3 Page - STMicroelectronics

  EVAL6393FB Datasheet HTML 1Page - STMicroelectronics EVAL6393FB Datasheet HTML 2Page - STMicroelectronics EVAL6393FB Datasheet HTML 3Page - STMicroelectronics EVAL6393FB Datasheet HTML 4Page - STMicroelectronics EVAL6393FB Datasheet HTML 5Page - STMicroelectronics EVAL6393FB Datasheet HTML 6Page - STMicroelectronics EVAL6393FB Datasheet HTML 7Page - STMicroelectronics EVAL6393FB Datasheet HTML 8Page - STMicroelectronics EVAL6393FB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVAL6393FB
Board description
Doc ID 023821 Rev 1
3/9
Table 2.
Jumper and connector description
Name
Type
Function
J1
Control signal connector
Optional control signal and external VCC connector
J2
Power output
Load connector
J3
Power supply
BUS power supply connector
JP1
Configuration jumper
To pull-up SD and/or BRAKE signal to VCC /3
JP2
Configuration jumper
To pull-up SD and/or BRAKE signal to CPOUT
JP3
Configuration jumper
To connect the on-board generated VCC to the supply pins
of the drivers
Table 3.
Control signal connector pinout (J1)
Pin
Type
Description
1
Power supply
Driver power supply VCC, open JP3 to provide externally
generated VCC
2
Power supply
GND
3
Digital input
Driver SD signal
4
Digital input
Driver BRAKE signal
5
Analog PWM input
Vctrl signal; used to change current limit threshold
6
Digital input
DIR signal; sets current direction
Table 4.
Current peak detection settings
Pin
Type
Description
TR1
Variable resistor
Used to adjust constant off-time duration after overcurrent
detection
TR2
Variable resistor
Used to adjust overcurrent detection threshold Ipk
Ipk = V(CP-)/[R10//R11//R12//R13]
Table 5.
Control scheme configuration
Description
Jumper configuration
Constant off-time peak current control with slow-
decay
JP1 closed on !SD and JP2 closed on !BRAKE
Constant off-time peak current control with fast-
decay
JP1 closed on !SD and JP2 closed on !SD
PWM voltage control with slow-decay overcurrent
protection
JP1 open, JP2 closed on !BRAKE and !SD
externally provided through J1
PWM voltage control with fast-decay overcurrent
protection
JP1 open, JP2 closed on !SD and !BRAKE
externally provided through J1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com