Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508EB Datasheet(PDF) 13 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 9Page - Exar Corporation SP3508EB Datasheet HTML 10Page - Exar Corporation SP3508EB Datasheet HTML 11Page - Exar Corporation SP3508EB Datasheet HTML 12Page - Exar Corporation SP3508EB Datasheet HTML 13Page - Exar Corporation SP3508EB Datasheet HTML 14Page - Exar Corporation SP3508EB Datasheet HTML 15Page - Exar Corporation SP3508EB Datasheet HTML 16Page - Exar Corporation SP3508EB Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
SP3508 Pin Designation
Pin Number
Pin Name
Description
76
VDD
2xVCC Charge Pump Output
77
RRC(B)
DCD
DCE Non-Inverting Output
78
VCC
Power Supply Input
79
RRC(A)
DCD
DCE Inverting Output
80
GND
Signal Ground
8
RS(A)
RTS Inverting Output
82
VCC
Power Supply Input
83
RS(B)
RTS Non-Inverting Output
84
GND
Signal Ground
85
TR(A)
DTR Inverting Output
86
VCC
Power Supply Input
87
TR(B)
DTR Non-Inverting Output
88
GND
Signal Ground
89
ST(A)
ST Inverting Output
90
VCC
Power Supply Input
9
ST(B)
ST Non-Inverting Output
92
GND
Signal Ground
93
TT(A)
TxCE Inverting Output
94
VCC
Power Supply Input
95
TT(B)
TxCE Non-Inverting Output
96
GND
Signal Ground
97
SD(A)
TxD Inverting Output
98
VCC
Power Supply Input
99
SD(B)
TxD Non-Inverting Output
00
VCC
Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com