Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508EB Datasheet(PDF) 21 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 21 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 17Page - Exar Corporation SP3508EB Datasheet HTML 18Page - Exar Corporation SP3508EB Datasheet HTML 19Page - Exar Corporation SP3508EB Datasheet HTML 20Page - Exar Corporation SP3508EB Datasheet HTML 21Page - Exar Corporation SP3508EB Datasheet HTML 22Page - Exar Corporation SP3508EB Datasheet HTML 23Page - Exar Corporation SP3508EB Datasheet HTML 24Page - Exar Corporation SP3508EB Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
Figure 33. Driver Timing Test Load Circuit
Figure 34. Receiver Timing Test Load Circuit
Figure 35. Driver Propagation Delays
Figure 36. Driver Enable and Disable Times
Figure 37. Receiver Propagation Delays
500Ω
C L
Output
Under
Test
S 1
S 2
VCC
1KΩ
1KΩ
CRL
R eceiver
Output
S 1
S 2
Test P oint
VCC
+3V
0V
5V
V OL
A, B
0V
1.5V
1.5V
tZL
tZH
V OH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally L OW
Output normally H IG H
Mx or Tx_Enable
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
V OH
VOL
R E C E IVE R OUT
(V OH - V OL)/2
(V OH - VOL)/2
tPLH
f > 10MHz; tR < 5ns; tF < 5ns
OUTP UT
V0D2 +
V 0D2
A – B
0V
0V
tPHL
INP UT
tSKEW = | tPHL - tPLH |
+3V
0V
DR IV E R
INP UT
A
B
DR IV E R
OUTP UT
V O+
DIFFE R E NTIAL
OUTP UT
V B – V A
0V
VO
1.5V
1.5V
tPLH
tR
tF
f > 10MHz; tR < 5ns; tF < 5ns
V O 1/2V O
1/2V O
tPHL
tDPLH
tDPHL
tSKEW = | tDPLH - tDPHL |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com