Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSTPM32 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVALSTPM32
Description  2 programmable LEDs on board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTPM32 Datasheet(HTML) 3 Page - STMicroelectronics

  EVALSTPM32 Datasheet HTML 1Page - STMicroelectronics EVALSTPM32 Datasheet HTML 2Page - STMicroelectronics EVALSTPM32 Datasheet HTML 3Page - STMicroelectronics EVALSTPM32 Datasheet HTML 4Page - STMicroelectronics EVALSTPM32 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DocID026138 Rev 1
3/5
EVALSTPM32
Schematic diagrams
5
Figure 2. Metrology circuit schematic
C10
10n
R13
270K
R19
0R
R7
10K
L4
1500ohm
DL2
LED2
J6
SPI
R12
270K
R4
1M
C17
15p
C27
100n
C15
150p
C23
100u 10V
J8
N
1
T1
4626-X002
J4
Enable/RST
1
1
2
2
3
3
C20
4.7u
C16
15p
R18
1K
C14
150p
R16
6R
R3
100R
J9
L
1
L2
1500ohm
DL1
LED1
C24
22n
R15
470R
C13
150p
C8
100n
L3
1500ohm
R10
10K
R17
1K
R6
4.7K
J5
DIGITAL I/O
2
4
6
8
1
3
5
7
R14
270K
Y1
16MHz
C12
150p
R2
22K
L1
1500ohm
R8
10K
J7
DC Supply
C26
150p
RS1
BKW-M-R0003-5.0
C11
150p
R5
4.7K
C9
150p
U3
STPM32
INT1
6
LED2
5
LED1
4
CKin/XTAL1
3
XTAL2
2
CKout/ZCR
1
VCC
17
GNDreg
16
VDDA
15
GNDA
14
GNDref
13
GNDD
18
Ex
Ex
R9
10K
C25
10n
C19
100n
C22
100n
Vcc
Ip1
Vcc
In1
Vcc
Vcc
Vref1
1 Int1
2 NC
3 Led2
4 En/Rst
5 Led1
6 Gnd
7 Ckin
8 Ckout/ZCR
1 NC
2 MOSI
3 Gnd
4 MISO
5 SCS
6 SCL
7 NC
8 SYN
9 NC
10 Vcc
RS1
BKW
1
To assemble in case current sensor is Current Transformer
To assemble in case current sensor is Shunt
GIPG25032014DI1550



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com