Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSTPM32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSTPM32
Description  2 programmable LEDs on board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTPM32 Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSTPM32 Datasheet HTML 1Page - STMicroelectronics EVALSTPM32 Datasheet HTML 2Page - STMicroelectronics EVALSTPM32 Datasheet HTML 3Page - STMicroelectronics EVALSTPM32 Datasheet HTML 4Page - STMicroelectronics EVALSTPM32 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
March 2014
DocID026138 Rev 1
1/5
EVALSTPM32
Single-phase energy metering evaluation board with shunt current
sensor based on the STPM32
Data brief
Features
• 0.2% accuracy single-phase meter
• Vnom(RMS) = 140 to 300 V, Inom/Imax(RMS) =
5/100 A, flin = 50/60 Hz ± 10%
• Connector for USB isolated hardware
programmer tool STEVAL-IPE023V1 and PC
GUI
• RS232 and UART isolated connectors to PC
GUI
• SPI/UART switch for device peripheral
selection
• 2 programmable LEDs on board
• Digital expansion to external system-on-chip or
MCU
• 3.3 V power supply: external or through
STEVAL-IPE023V1 isolated USB board
• IEC61000 standard compliant
• RoHS compliant
Description
The STPM32 energy metering evaluation board is
a class 0.2, single-phase meter with shunt current
sensor for power line systems with Vnom = 140 to
300 V(RMS), Inom / Imax = 5/100 A(RMS), flin = 50/60
Hz ± 10% and Tamb = -40 to +85 °C.
Measured active/reactive power can be output
from two programmable LEDs on the board.
The board can be interfaced with a PC running
evaluation software through an isolated RS232
port, or through the STEVAL-IPE023V1 USB
isolated interface tool for configuration and data
reading.
The board also has SPI/UART pins available to
interface a microcontroller for application
development.
www.st.com


Similar Part No. - EVALSTPM32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSTPM33 STMICROELECTRONICS-EVALSTPM33 Datasheet
533Kb / 5P
IEC61000 standard compliant
31-Mar-2014
EVALSTPM34 STMICROELECTRONICS-EVALSTPM34 Datasheet
447Kb / 5P
2 programmable LEDs on board
31-Mar-2014
More results

Similar Description - EVALSTPM32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
logo
STMicroelectronics
EVALSTPM34 STMICROELECTRONICS-EVALSTPM34 Datasheet
447Kb / 5P
2 programmable LEDs on board
31-Mar-2014
logo
Luminus, Inc
CBM-90-IRD-X33-850 LUMINUS-CBM-90-IRD-X33-850 Datasheet
1Mb / 11P
Mosaic Array Series Infrared Chip On Board LEDs
CBM-90-IRD-X33-940 LUMINUS-CBM-90-IRD-X33-940 Datasheet
1Mb / 11P
Mosaic Array Series Infrared Chip On Board LEDs
CBM-120-FR LUMINUS-CBM-120-FR Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
logo
Maxim Integrated Produc...
MAX14483EVKIT MAXIM-MAX14483EVKIT Datasheet
1Mb / 11P
On-Board LEDs Indication of Device Ready for Communication
Rev 0; 1/18
logo
Schneider Electric
ZBRRA SCHNEIDER-ZBRRA Datasheet
144Kb / 8P
Programmable receiver - 2 relays - 24..240 V AC/DC - 2 pusbuttons - 6 LEDs
Feb 3, 2022
ZBRRD SCHNEIDER-ZBRRD Datasheet
144Kb / 8P
Programmable receiver - 2 relays - 24..240 V AC/DC - 2 pusbuttons - 6 LEDs
Feb 3, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com