Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPOWERSTEP01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVLPOWERSTEP01
Description  Adjustable output slew rate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPOWERSTEP01 Datasheet(HTML) 2 Page - STMicroelectronics

  EVLPOWERSTEP01 Datasheet HTML 1Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 2Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 3Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 4Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 5Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 6Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 7Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Board description
EVLPOWERSTEP01
2/8
DocID027006 Rev 1
Board description
Figure 1. Jumpers and connectors location
Table 1. Electrical specifications
Parameter
Value
Supply voltage (VS)
10.5 V to 85 V
Maximum output current (each phase)
10 Ar.m.s.
Gate drivers supply voltage (VCC)
7.5 V to 15 V
Logic supply voltage
3.3 V
Logic interface supply voltage
3.3 V or 5 V
Low logic level input
0 V
High logic level input
VDD(1)
Operating ambient temperature
0 °C to +85 °C
1. All logic inputs are 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com