Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPOWERSTEP01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVLPOWERSTEP01
Description  Adjustable output slew rate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPOWERSTEP01 Datasheet(HTML) 1 Page - STMicroelectronics

  EVLPOWERSTEP01 Datasheet HTML 1Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 2Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 3Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 4Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 5Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 6Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 7Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For further information contact your local STMicroelectronics sales office.
October 2014
DocID027006 Rev 1
1/8
EVLPOWERSTEP01
System-in-package integrating microstepping controller and 10 A
power MOSFETs demonstration board
Data brief
Features
 Voltage range from 10.5 V to 85 V
 10 Ar.m.s. maximum output current
 Up to 1/128 microstep
 Programmable speed profile and advanced
commands
 Adjustable output slew rate
 SPI with daisy chain feature
 FLAG and BUSY LED indicators
 Flexible supply voltage management
 Suitable to be used in combination with
STEVAL-PCC009V2
Applications
 High power bipolar stepper motors:
– Stage lighting
– Surveillance systems
– Textile and sewing machines
– Pick and place machines
Description
The EVLPOWERSTEP01 demonstration board is
a microstepping motor driver delivering up to
10 Ar.m.s.. In combination with the STEVAL-
PCC009V2 communication board and the
evaluation software, the board allows the user to
investigate all the features of the powerSTEP01.
In particular, the board can be used to check the
performance and to regulate the parameters in
order to fit the application requirements.
The EVLPOWERSTEP01 supports the daisy
chain configuration making it suitable for the
evaluation of the powerSTEP01 in multi motor
applications.
www.st.com


Similar Part No. - EVLPOWERSTEP01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLPWD5T60 STMICROELECTRONICS-EVLPWD5T60 Datasheet
2Mb / 15P
Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver
23-May-2024
More results

Similar Description - EVLPOWERSTEP01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0241 ICST-9DBU0241 Datasheet
296Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
slew rate for each output
REVISION D 04/22/15
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
slew rate for each output
REVISION D 04/22/15
9DBU0631 ICST-9DBU0631 Datasheet
225Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0641 ICST-9DBU0641 Datasheet
231Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0831 ICST-9DBU0831 Datasheet
308Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0841 ICST-9DBU0841 Datasheet
309Kb / 17P
slew rate for each output
REVISION C 04/22/15
9DBU0941 ICST-9DBU0941 Datasheet
303Kb / 17P
slew rate for each output
REVISION C 04/22/15
logo
Allegro MicroSystems
A6818 ALLEGRO-A6818 Datasheet
266Kb / 7P
Controlled output slew rate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com