Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLPWD5T60 Datasheet (PDF) - STMicroelectronics

EVLPWD5T60 Datasheet PDF - STMicroelectronics
Part # EVLPWD5T60
Download  EVLPWD5T60 Download
File Size   2373.82 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver

EVLPWD5T60 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVLPWD5T60 Datasheet PDF - STMicroelectronics

Part # EVLPWD5T60
Download  EVLPWD5T60 Click to download

File Size   2373.82 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver

EVLPWD5T60 Datasheet (HTML) - STMicroelectronics


EVLPWD5T60 Product details

Features
• High-voltage rail up to 400 VDC (limited by on-board bulk capacitor)
• Output current up to 1.2 Apeak (adjustable overcurrent protection threshold)
• Output power up to 120 W
• Driver DC input voltage range: 9 V to 20 V
• Power system-in-package integrating gate drivers and high-voltage power
MOSFETs:
– RDS(ON) = 1.38 Ω
– BVDSS = 500 V
• Selectable single or three-shunt current sensing topology
• Sensored or sensorless FOC or 6-step algorithm
• Hall effect sensor connector
• Smart shutdown overcurrent protection
• Bus voltage sensing
• Connector for interfacing with MCU
• RoHS compliant




Similar Part No. - EVLPWD5T60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
Adjustable output slew rate
07-Oct-2014
More results


Similar Description - EVLPWD5T60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EVDD415 IXYS-EVDD415 Datasheet
137Kb / 2P
High Frequency Gate Driver IC Evaluation Board
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
6ED003L06-F INFINEON-6ED003L06-F Datasheet
293Kb / 18P
Integrated 3 Phase Gate Driver
Rev. 2.1, Dec 2008
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
High Voltage 3-Phase Gate Driver
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com